Electronic Components Datasheet Search
  English  ▼

X  

ADS1601IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1601IPFBT
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1601IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1601IPFBT Datasheet HTML 1Page - Texas Instruments ADS1601IPFBT Datasheet HTML 2Page - Texas Instruments ADS1601IPFBT Datasheet HTML 3Page - Texas Instruments ADS1601IPFBT Datasheet HTML 4Page - Texas Instruments ADS1601IPFBT Datasheet HTML 5Page - Texas Instruments ADS1601IPFBT Datasheet HTML 6Page - Texas Instruments ADS1601IPFBT Datasheet HTML 7Page - Texas Instruments ADS1601IPFBT Datasheet HTML 8Page - Texas Instruments ADS1601IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FSO
ReferenceandBiasCircuits
Serial
Interface
LinearPhase
FIRDigitalFilter
DS
Modulator
VREFP VREFN
RBIAS
VMID
VCAP
AVDD
DVDD
IOVDD
DGND
AGND
AINP
AINN
FSO
SCLK
DOUT
SCLK
SYNC
CLK
DOUT
OTR
PD
REFEN
ADS1601
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
16-Bit, 1.25MSPS Analog-to-Digital Converter
Check for Samples: ADS1601
1
FEATURES
DESCRIPTION
The
ADS1601
is
a
high-speed,
high-precision,
2
•
High Speed:
delta-sigma
analog-to-digital
converter
(ADC)
– Data Rate: 1.25MSPS
manufactured on an advanced CMOS process. The
– Bandwidth: 615kHz
ADS1601 oversampling topology reduces clock jitter
sensitivity during the sampling of high-frequency,
•
Outstanding Performance:
large amplitude signals by a factor of four over that
– SNR: 92dB at fIN = 100kHz, –1dBFS
achieved
by
Nyquist-rate
ADCs.
Consequently,
– THD: –103dB at fIN = 100kHz, –6dBFS
signal-to-noise ratio (SNR) is particularly improved.
Total harmonic distortion (THD) is
–103dB, and the
– SFDR: 105dB at fIN = 100kHz, –6dBFS
spurious-free dynamic range (SFDR) is 105dB
•
Ease-of-Use:
Optimized for power and performance, the ADS1601
– High-Speed 3-Wire Serial Interface
dissipates only 330mW while providing a full-scale
– Directly Connects to TMS320 DSPs
differential input range of
±0.94VREF. Having such a
– On-Chip Digital Filter Simplifies Anti-Alias
wide
input
range
makes
out-of-range
signals
Requirements
uncommon. The OTR pin indicates if an analog input
out-of-range condition does occur. The differential
– Simple Pin-Driven Control—No On-Chip
input signal is measured against the differential
Registers to Program
reference, which can be generated internally on the
– Selectable On-Chip Voltage Reference
ADS1601 or supplied externally.
– Simultaneous Sampling with Multiple
The ADS1601 uses an inherently stable advanced
ADS1601s
modulator with an on-chip decimation filter. The filter
•
Low Power:
stop
band
extends
to
19.3MHz,
which
greatly
simplifies the anti-aliasing circuitry. The modulator
– 330mW at 1.25MSPS
samples the input signal up to 20MSPS, depending
– 145mW at 625kSPS
on fCLK, while the 16x decimation filter uses a series
– Power-Down Mode
of four half-band FIR filter stages to provide 75dB of
stop band attenuation and 0.001dB of passband
APPLICATIONS
ripple.
•
Sonar
Output data is provided over a simple 3-wire serial
interface at rates up to 1.25MSPS, with a
–3dB
•
Vibration Analysis
bandwidth
of
615kHz.
The
output
data
or
its
•
Data Acquisition
complementary format directly connects to DSPs
such as TI
’s TMS320 family, FPGAs, or ASICs. A
dedicated synchronization pin enables simultaneous
sampling with multiple ADS1601s in multi-channel
systems. Power dissipation is set by an external
resistor that allows a reduction in dissipation when
operating at slower speeds. All of the ADS1601
features are controlled by dedicated I/O pins, which
simplify operation by eliminating the need for on-chip
registers.
The
high
performing,
easy-to-use
ADS1601
is
especially
suitable
for
demanding
measurement
applications in sonar, vibration analysis, and data
acquisition. The ADS1601 is offered in a small, 7mm
×
7mm
TQFP-48
package
and
is
specified
from
–40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2004–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1601IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1601IPFBT BURR-BROWN-ADS1601IPFBT Datasheet
386Kb / 26P
16-BIT 1.25MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1601IPFBT TI2-ADS1601IPFBT Datasheet
938Kb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
ADS1601IPFBT TI2-ADS1601IPFBT Datasheet
942Kb / 31P
16-Bit, 1.25MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
ADS1601IPFBT.B TI2-ADS1601IPFBT.B Datasheet
938Kb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
ADS1601IPFBT.B TI2-ADS1601IPFBT.B Datasheet
942Kb / 31P
16-Bit, 1.25MSPS Analog-to-Digital Converter
REVISED OCTOBER 2011
More results

Similar Description - ADS1601IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1601 BURR-BROWN-ADS1601 Datasheet
386Kb / 26P
16-BIT 1.25MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1601 TI1-ADS1601_14 Datasheet
1Mb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com