Electronic Components Datasheet Search
  English  ▼

X  

AH285 Datasheet(PDF) 2 Page - Anachip Corp

Part # AH285
Description  Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH285 Datasheet(HTML) 2 Page - Anachip Corp

  AH285 Datasheet HTML 1Page - Anachip Corp AH285 Datasheet HTML 2Page - Anachip Corp AH285 Datasheet HTML 3Page - Anachip Corp AH285 Datasheet HTML 4Page - Anachip Corp AH285 Datasheet HTML 5Page - Anachip Corp AH285 Datasheet HTML 6Page - Anachip Corp AH285 Datasheet HTML 7Page - Anachip Corp AH285 Datasheet HTML 8Page - Anachip Corp AH285 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH285
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 1.0 Sep 29, 2005
2/9
Block Diagram (SIP5)
Hall
Plate
Control Logic
Regulator
Lock shutdown
and
Automatic recovery
Vdd
GND
DOB
DO
Amp.
2
3
4
5
1
FG
Typical Application Circuit (SIP5)
285
1
5
4
3
2
Vdd
(12V)
Coil2
Coil1
Rpu
FG
GND
D2
D1
R1
R2
C1
C2
56
Notes: R1, R2: typical
C1, C2, C3: typical 2.2 F
The R, C value need to be fine tuned
base on coils design.
C3
µ
Ω
12V DC Brush-less Fan with FG output function



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com