Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LLL009V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-LLL009V1
Description  300 W very high AC input voltage LED driver with digital power control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL009V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-LLL009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 3. Power board - DC-DC converter
GD-HS-HB
GD-LS-HB
GD-HS-HB
GD-LS-HB
GD-SR-LS1
GD-SR-HS2
GD-SR-LS2
SOURCE-SR-HS1
SOURCE-SR-HS2
SOURCE-SR-HS1
GD-SR-HS1
GD-SR-LS1
SOURCE-SR-LS1
SOURCE-SR-LS2
SOURCE-SR-HS2
GD-SR-HS2
GD-SR-LS2
SOURCE-SR-LS1
SOURCE-SR-LS2
GD-SR-HS1
+725V DC
+3.3V DC
+3.3V DC
0
0
0
+3.3V DC
Vcc SEC
0
Vcc SEC
0
0
0
0
+5V DC - SEC
+5V DC - PRI
0
+5V-SECONDARY
+5V DC - SEC
+5V-PRIMARY
+5V DC - PRI
O/P-PFC
VDDA
+15V DC - PRI
+15V-PRIMARY
BRAKE-HB
+15V DC - PRI
+15V-PRIMARY
SD-HB
INB-LS-HB
INA-HS-HB
Vcc SECONDARY
PWM-SR-LS1
PWM-SR-HS1
SD-SR-LS1-HS1
PWM-SR-HS2
Vcc SECONDARY
SD-SR-LS2-HS2
PWM-SR-LS2
VDDA
I-OUT MONITOR
V-OUT MONITOR
VDS-SR1
VDS-SR2
Resonant Current MONITOR
Temp. MONITOR
+3.3V
+3.3V
VDDA
Vcc SECONDARY
VDD2
Vcc SECONDARY
DC-BUS MONITOR
O/P-PFC
VDD2
+5V-SECONDARY
E25
Temperature
C23
Daughter Card Connectors
PFC Output Voltage Sense w.r.t. MCU GND
470pF-0805
R40
10K-0805
J14
CON3
C60
220nF-1206
R21
10E-0805
L7
8
1
R81
2401.0004 -Magnetica
33E-0603
C28
1uF-1206-100V
C41
1uF-1206
T4
10
7
2
12
R48
1012.0031
0E-0805
R65
10K-0603
D18
1
2
STTH1L06A
Q4
1
G
STW20N95DK5
R75
100K-0603
C68
1nF-0603
R57
DNM-0603
D48
1
2
STTH1L06A
C100
220pF-0603
R31
4.7E-0805
R39
10K-0805
R90
10K-0603
R185
DNM-1206
C48
100nF-50V-1206
C35
100nF-50V-1206
C69
100nF-0603
C50
1nF-0603
R35
10K-0805
R42
22 mΩ
R89
4.22K-0603
R47
47E-0603
R43
150E-0805
R34
6.2K-0805
R27
22E-0805
R26
10K-0805
D40
1
2
STTH1L06A
R77
10E-0805
R41
0E-1206
C40
100nF-50V-1206
C108
100nF-1kV
C56
100pF-0603
C52
100nF-0603
R181
10E-1206
R54
10K-0805
R153
DNM-0603
C34
10uF-0805
R179
22E0805
C67
10uF-50V-1206
C43
100pF-0603
J13
CON4
R38
22 mΩ
C42
100nF-0805
D17
STTH1L06A
R25
51K-0805
C25
470uF-100V
R70
120E-0805
R51
47E-0603
R78
DNM-0603
TP10
1
VDS-SR1
J4
1
2
PFC Output
C44
100pF-0603
R92
10K-0603
R63
4.7E-0805
R37
4.7E-0805
Q1
1
G
STW20N95DK5
R29
4.7E-0805
R19
DNM
C110
220pF-0603
R61
33E-0603
R22
4.7E-0805
D12
1
2
1N4148
C53
10uF-50V-1206
R52
47K-1206
R180
22E-0805
C49
10uF-50V-1206
C37
4.7nF-0603
TP7
1
HB-LCC Node
TP3
1
SEC-GND
Q3
1
G
STP100N10F7
R62
4.7E-0805
R91
0E-0603
R69
47K-1206
C51
10nF-0603
D42
1
2
STPS1L60A
D45
1
2
STPS3L60U
Q2
1
G
STP100N10F7
C111
220pF-0603
C45
1uF-1206
C24
470uF-100V
R45
4.7K-0603
1
VDD
2
INA
STGAP2DM
3
INB
SD
4
5
BRAKE
6
VDD2
7
GND
8
N.C.
9
VH_B
10
GOUT_B
1
GNDISO_B
N.C.
12
13
N.C.
14
VH_A
15
GOUT_A
16
GNDISO_A
C55
100pF-0603
R32
10E-0805
R50
47E-0603
D21
1
2
STPS1L60A
R182
10E-1206
C32
10nF-0805
TP11
1
VDS-SR2
R44
150E-0805
C70
10uF-50V-1206
D22
1
2
STPS1L60A
C54
4.7nF-0603
D16
1
2
STTH1L06A
U6
1
LIN
L6491D
2
SD/OD
3
HIN
4
VCC
5
DT
6
SGND
7
PGND
CP+
10
9
CP-
NC
1
OUT
12
HVG
13
14
BOOT
8
LVG
D15
1
2
STPS1L60A
C64
R60
100nF-50V-1206
33E-0603
R30
51K-0805
R68
0E-0603
R76
100K-0603
R24
10K-0805
TP17
PRI.-GND
C66
10nF-0603
R55
100K-0603
D47
1
2
1N4148
C63
100nF-50V-1206
Q6
1
G
STP100N10F7
R33
22E-0805
C107
DNM-0603
C58
1uF-1206
R59
33E-0603
R64
4.22K-0603
C29
1uF-1206-100V
U5
5
2
TSZ121ILT
T3
R66
2034.0002
10K-0603
R84
33E-0603
R184
10E-1206
R36
4.7E-0805
Q5
1
G
STP100N10F7
D13
1
2
1N4148
D14
1
2
STPS1L60A
TP5
V-OUTPUT
C36
1uF-1206
C27
68nF
R56
100K-0603
R58
10E-0805
J12
2
1
CON2
C46
220nF-1206
R49
4.7K-0603
R53
0E-0805
C38
1uF-0603
U7
1
LIN
L6491D
2
SD/OD
3
HIN
4
VCC
DT
5
6
SGND
7
PGND
CP+
10
9
CP-
NC
1
OUT
12
HVG
13
BOOT
14
8
LVG
R28
10K-0805
J5
1
2
Output
C31
10nF
R46
47E-0603
C39
22nF-0603
D20
1
2
STPS1L60A
R20
0E-0805
J10
DNM
1
2
R83
33E-0603
D19
STTH1L06A
C33
100nF-0805
R23
4.7E-0805
C47
100nF-50V-1206
C101
220pF-0603
U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com