Electronic Components Datasheet Search
  English  ▼

X  

LO1000 Datasheet(PDF) 2 Page - 3M Electronics

Part # LO1000
Description  Scotch-Weld™ Low Odor Instant Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

LO1000 Datasheet(HTML) 2 Page - 3M Electronics

  LO1000 Datasheet HTML 1Page - 3M Electronics LO1000 Datasheet HTML 2Page - 3M Electronics LO1000 Datasheet HTML 3Page - 3M Electronics LO1000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch-Weld™
Low Odor Instant Adhesives
LO100 • LO1000
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ Low Odor Instant Adhesives
LO100
LO1000
Color
Clear
Clear
Base
Methoxyethyl
Methoxyethyl
Appearance
Liquid
Liquid
Specific Gravity (g/ml)
1.06
1.08
Viscosity (cps) 1
70-1101a
850 - 12501b
Time to Handling Strength
(sec)*
<20
<30
Time to full cure (hr)
24
24
1a Cone-Plate viscosity, CP75 @ 3000/s shear rate ; 1b Cone-Plate viscosity, CP50 @ 100/s shear rate; * On EPDM. Time to handling is substrate
dependent
Typical Cured
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ Low Odor Instant Adhesives
LO100
LO1000
Temperature Range (oF)
-60 to 180
-60 to 180
Gap Fill (in)
0.006
0.008
Overlap Shear Strength (psi) 1
Steel 2
2300
2200
Stainless Steel 2
3200
3300
Aluminum 2
2800
2900
ABS
800 3
850 3
Polycarbonate
850 3
750 3
PVC
850 3
1050 3
Nylon
300
350
Polypropylene 4
480
500
Silicone Ealstomer 5
70
50
1 ASTM D-1002
2 Grit blasted
3 Substrate failure
4 Primed with AC77
5 Primed with AC79
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com