Electronic Components Datasheet Search
  English  ▼

X  

R5348 Datasheet(PDF) 1 Page - 3M Electronics

Part # R5348
Description  Repulpable Splittable Flying Splice Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R5348 Datasheet(HTML) 1 Page - 3M Electronics

  R5348 Datasheet HTML 1Page - 3M Electronics R5348 Datasheet HTML 2Page - 3M Electronics R5348 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
paper
web
weight
temperature
usage
usage
Product
Description
range*
range**
R5348
Recommended for use with light to medium weight
20-60 lb
up to
papers running through medium temperature ovens.
or higher
350°F
R7359
Recommended for use with light to heavy weight
30-80+ lb
up to
papers running at high speeds and high temperatures.
400°F
R7369
Recommended for use with light to heavy weight
30+ lb
up to
papers on wide web rolls to help compensate for roll
400°F
profile variations running at high speeds and high
temperatures.
Repulpable Splittable Flying Splice Tapes
R5348, R7359 and R7369
Product Description
3M™ Repulpable Splittable Flying Splice Tapes R5348, R7359 and 7369 are repulpable
double coated tapes laminated with easy-release split liners.
Typical Physical
Properties
Technical Data
April, 2013
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product Construction
Available Roll Sizes
Backing
Adhesive
Liner
Color
Roll Length
R5348
Repulpable Repulpable
Easy-release
Splicing side - blue
37.5mm x 33m (11/2" x 36 yds.)
paper
adhesive
coated
Tabbing side - clear
50mm x 33m (2" x 36 yds.)
repulpable
50mm x 50m (2" x 55 yds.)
paper
R7359
Repulpable Repulpable
Easy-release
Splicing side - green 50mm x 50m (2" x 55 yds.)
R7369
paper
adhesive
coated
Tabbing side - clear
repulpable
paper
*Repulpability judged according to TAPPI UM-213, Procedure A.
R5348
R7359
R7369
Repulpability*:
Yes
Yes
Yes
Tape Thickness:
5.0 mils (0.11 mm)
6.6 mils (0.17 mm) 7.4 mils (0.19 mm)
without liner
without liner
without liner
Liner Thickness:
2.5 mils (0.06 mm)
2.5 mils (0.06 mm)
2.5 mils (0.06 mm)
Post-Split Splicing Tape Thickness: 2.5 mils (0.06 mm)
4.0 mils (0.10 mm) 4.0 mils (0.10 mm)
Post-Split Tabbing Tape Thickness: 2.2 mils (0.05 mm) 2.2 mils (0.05 mm) 3.1 mils (0.08 mm)
*Depends on paper grade
**Depending on web speed and tension


Similar Part No. - R5348

ManufacturerPart #DatasheetDescription
logo
3M Electronics
R5348 3M-R5348 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
R5348 3M-R5348 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
More results

Similar Description - R5348

ManufacturerPart #DatasheetDescription
logo
3M Electronics
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
R5348 3M-R5348 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
Aug-2015
R3345 3M-R3345 Datasheet
135Kb / 6P
3M™ Repulpable Splice System R3345
Jun-2017
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9990N 3M-9990N Datasheet
32Kb / 3P
Tapes and Splicing Component Products for making newspaper flying splices
Jul-2012
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
8387 3M-8387 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
906B 3M-906B Datasheet
202Kb / 2P
Repulpable Flying Splice Tape
Mar-2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com