Electronic Components Datasheet Search
  English  ▼

X  

9475LE Datasheet(PDF) 1 Page - 3M Electronics

Part # 9475LE
Description  High Strength Double Coated Tape with Adhesive 300LSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9475LE Datasheet(HTML) 1 Page - 3M Electronics

  9475LE Datasheet HTML 1Page - 3M Electronics 9475LE Datasheet HTML 2Page - 3M Electronics 9475LE Datasheet HTML 3Page - 3M Electronics 9475LE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
High Strength Double Coated Tape
with Adhesive 300LSE
9475LE • 9475LEB
Product Description
3M™ Double Coated Tapes with 3M™ Adhesive 300LSE provides high bond
strength to most surfaces, including many low surface energy plastics such as
polypropylene and powder coated paints. The acrylic adhesive also provides excellent
adhesion to surfaces contaminated lightly with oil typically used with machine parts.
Technical Data
November, 2008
Construction
Faceside1
Backside2
Adhesive
Carrier
Adhesive
Liner
Total Tape
Product
Type/
Type/
Type/
Color, Type,
Liner
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper3
(w/o liner)
3M™ Double
0.002"
Clear Polyester
0.002"
#83 Polycoated
6.2 mils
0.0045"
Coated Tape
(0.051mm)
0.0005"
(0.051mm)
Kraft
(0.157mm) (0.114mm)
9475LE
(0.013mm)
3M™ Double
0.002"
Black Polyester
0.002"
#83 Polycoated
6.2 mils
0.0045"
Coated Tape
(0.051mm)
0.0005"
(0.051mm)
Kraft
(0.157mm) (0.114mm)
9475LEB
(0.013mm)
Note 1: Faceside (FS) adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside (BS) adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: The caliper listed is based on a calculation from manufacturing controlled adhesive coat
weights using a density of 1.012 g/cc.


Similar Part No. - 9475LE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94750 3M-94750 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94751 3M-94751 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94752 3M-94752 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94753 3M-94753 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94754 3M-94754 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
More results

Similar Description - 9475LE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
9495LE 3M-9495LE Datasheet
20Kb / 5P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
93015LE 3M-93015LE Datasheet
157Kb / 6P
3M™ High Strength Double Coated Tape 93015LE
Oct-2017
9579 3M-9579 Datasheet
18Kb / 3P
Double Coated Tape with Adhesive 760
May-2004
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
9628FL 3M-9628FL Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
Sep-2009
9628B 3M-9628B Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com