Electronic Components Datasheet Search
  English  ▼

X  

666 Datasheet(PDF) 1 Page - 3M Electronics

Part # 666
Description  3M Repositionable Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

666 Datasheet(HTML) 1 Page - 3M Electronics

  666 Datasheet HTML 1Page - 3M Electronics 666 Datasheet HTML 2Page - 3M Electronics 666 Datasheet HTML 3Page - 3M Electronics 666 Datasheet HTML 4Page - 3M Electronics 666 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Repositionable Tapes
665 • 666 • 9415PC • 9416 • 9425 • 9425HT • 9449S
Product Description
3M™ Repositionable Tapes are double coated tapes that are ideal for applications
where one or both parts need to be repositioned or removed easily.
Technical Data
January, 2011
Construction
Product
3M™
3M™
3M™
3M™
3M™
3M™
3M™
Repositionable Repositionable
Repositionable Repositionable Repositionable Repositionable
Repositionable
Tape 665
Tape 666
Tape 9415PC
Tape 9416
Tape 9425
Tape 9425HT
Tape 9449S
Adhesive Type:
Faceside1
400
1070
400
400
420
420
1000
Backside2
1070
400
1000
1000
1050
1050
—
Carrier:
0.0014 in.
0.0014 in.
0.001 in.
0.0014 in.
0.001 in.
(0.036 mm)
(0.036 mm)
(0.025 mm)
(0.036 mm)
(0.025 mm)
UPVC
UPVC
Clear Polyester
Tissue
UPVC
Clear Polyester
None
Release Liner:
70# White
70# White
58# Natural
58# Natural
55# Densified
White
Polycoated
Polycoated
Polycoated
Polycoated
Kraft Paper
None
Polyethylene
Kraft
Kraft
Kraft
Kraft
Thickness:
Tape
0.0035 in.
0.0035 in.
0.002 in.
0.002 in.
0.0058 in.
0.0054 in.
0.0004 in.
(0.089 mm)
(0.089 mm)
(0.050 mm)
(0.050 mm)
(0.15 mm)
(0.13 mm)
(0.01 mm)
Liner
—
0.003 in.
0.0056 in.
0.0056 in.
0.0042 in.
0.0042 in.
0.0025 in.
(0.076 mm)
(0.14 mm)
(0.14 mm)
(0.10 mm)
(0.10 mm)
(0.063 mm)
Tape Color:
Clear
Clear
Translucent
White
Clear
Clear
Translucent
Note 1: Faceside adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside adhesive is on the exterior of the roll, exposed when liner is removed.


Similar Part No. - 666

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
666 MOLEX-666 Datasheet
42Kb / 1P
Pre-Crimped Leads
09/11/2018
logo
List of Unclassifed Man...
666/3 ETC-666/3 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
Belden Inc.
6660 BELDEN-6660 Datasheet
457Kb / 3P
CANopen / DeviceNet Data Single-Ended Cordset
logo
Tyco Electronics
66601-2 MACOM-66601-2 Datasheet
415Kb / 9P
Signal Contacts
66601-9 MACOM-66601-9 Datasheet
415Kb / 9P
Signal Contacts
More results

Similar Description - 666

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
802 3M-802 Datasheet
557Kb / 6P
3M??ScotchPad??Repositionable Tape Pad 802
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9379 3M-9379 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com