Electronic Components Datasheet Search
  English  ▼

X  

9415PC Datasheet(PDF) 4 Page - 3M Electronics

Part # 9415PC
Description  3M Repositionable Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9415PC Datasheet(HTML) 4 Page - 3M Electronics

  9415PC Datasheet HTML 1Page - 3M Electronics 9415PC Datasheet HTML 2Page - 3M Electronics 9415PC Datasheet HTML 3Page - 3M Electronics 9415PC Datasheet HTML 4Page - 3M Electronics 9415PC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Repositionable Tapes
665 • 666 • 9415PC • 9416 • 9425 • 9425HT • 9449S
Application Ideas
• Reclosable bags or envelopes.
• Core starting and end tabbing of papers, foils, and films.
• Removable stickers and labels.
• Point of purchase displays.
• Book inserts.
• Mounting promotional items.
• Removable/changeable advertisements.
• Temporary hold for protective packaging material, such as foam or cardboard, used
during shipment of manufactured goods.
• Removable/changeable foam gasketing.
Application
Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact
developed. Firm application pressure helps develop better adhesive contact and
improve bond strength.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well
unified. Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
*Note: Carefully read and follow the manufacturer’s precautions and directions for
use when using solvents.
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory. An exception is 3M™
Repositionable Tapes 9425 and 9425HT which can be applied at temperatures as
low as 32°F (0°C).
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, these products retain their performance and
properties for two years from date of manufacture.
- 4 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com