Electronic Components Datasheet Search
  English  ▼

X  

6146 Datasheet(PDF) 2 Page - 3M Electronics

Part # 6146
Description  3M??Medium Duty Reinforced Water Activated Tape 6146 Kraft
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6146 Datasheet(HTML) 2 Page - 3M Electronics

  6146 Datasheet HTML 1Page - 3M Electronics 6146 Datasheet HTML 2Page - 3M Electronics 6146 Datasheet HTML 3Page - 3M Electronics 6146 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Medium Duty Reinforced Water Activated Tape 6146 Kraft
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Thickness
0.17 mm
6.5 mil
Adhesive
High Tack, Water Activated, modi ed Starch Based
Adhesive
Top Sheet
30 lbs/ream Natural Virgin Kraft
Bottom Sheet
23 lbs/ream MG Natural High Strength Virgin Kraft
Laminating Matl
Polypropylene based polymer
Reinforcement
3 Way Fiber Glass Reinforcing Pattern
• Pattern: Lengthwise threads with diamond cross-machine pattern
• Lengthwise Threads: 110 Denier Fiberglass -19/32" Spacing (1-1-1-1-1)
• Cross Machine Threads: 150 Denier Fiberglass – Diamond Pattern less than 1-1/4" spacing between threads
Typical Performance Characteristics
Tensile Strength
Test Condition
1051 to 1138 N/100mm
60 to 65 lb/oz
Machine direction
25 to 30 N/100mm
438 to 525 lb/oz
Cross direction
Property: Tensile Strength
Available Sizes
Property
Values
Standard Roll Length
137 m
450 ft
Standard Width
72 mm
2.8 in
Packaging
10 rolls per case
Handling/Application Information
Application Techniques
Semi-automatic application equipment is available. Application is most easily accomplished at room temperature. Once applied, the tape performs well throughout the
normal temperature ranges typically encountered by packaged products in shipping and storage environments.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com