Electronic Components Datasheet Search
  English  ▼

X  

5980 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5980
Description  3M™ VHB™ Tape 5980, 5980WT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5980 Datasheet(HTML) 2 Page - 3M Electronics

  5980 Datasheet HTML 1Page - 3M Electronics 5980 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ VHB™ Tape 5980, 5980WT
Typical Physical Properties and Performance Characteristics
Note:
The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the product’s Certificate of Analysis
(COA) that is shipped with the product.
Storage and Shelf Life
The shelf life of 3M™ VHB™ Tape 5980(WT) is 24 months from the date of manufacture when stored in the original
packaging materials at 4°C to 38°C (40°F to 100°F) and 0-95% relative humidity. The optimum storage conditions are
22°C (72°F) and 50% relative humidity.
Safety Data Sheet: Consult Safety Data Sheet before use.
Regulatory: For regulatory information about this product, contact your 3M representative.
Technical Information: The technical information, recommendations and other statements contained in this document are based
upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and
performance of a 3M product in a particular application Given the variety of factors that can affect the use and performance of a 3M
product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and
suitable for user’s method of application.
Warranty, Limited Remedy, and Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product
packaging or product literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M
ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR
ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. If the
3M Product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M
product or refund of the purchase price.
Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty, contract,
negligence or strict liability.
3M™ VHB™ Tape 5980, 5980WT
Property
Value
90 Degree Peel Adhesion for
Stainless Steel
(72 Hour Dwell)
(Modified ASTM D-3330)
5980(WT)-015: 140 N/100 mm (8 lb/inch)
5980(WT)-020: 155 N/100 mm (9 lb/inch)
5980(WT)-025: 175 N/100 mm (10 lb/inch)
5980(WT)-030: 210 N/100 mm (12 lb/inch)
Static Shear for Aluminum
Foil Stainless Steel
(Modified ASTM D-3654)
22°C: 750 g/0.5 sq in (holds 10,000 min.)
70°C: 250 g/0.5 sq in (holds 10,000 min.)
Temperature Resistance
Short Term (Minutes, Hours): 93°C (200°F)
Long Term (Days, Weeks): 70°C (158°F)
Available Sizes
Standard Length: 65.8 meters (72 yards)
Slitting Tolerance: +/- 0.8 mm (1/32 in)
Core size (ID): 76.2 mm (3.0 in)
Electronics Device Bonding
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550
877-369-2923 (Fax)
www.3M.com/VHB
3M is a trademark of 3M Company.
Please recycle.
©3M 2017. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com