Electronic Components Datasheet Search
  English  ▼

X  

5498 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5498
Description  3M™ PTFE Film Tape 5498
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5498 Datasheet(HTML) 1 Page - 3M Electronics

  5498 Datasheet HTML 1Page - 3M Electronics 5498 Datasheet HTML 2Page - 3M Electronics 5498 Datasheet HTML 3Page - 3M Electronics 5498 Datasheet HTML 4Page - 3M Electronics 5498 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
November, 2015
3M™ PTFE Film Tape 5498
Product Description
3M™ PTFE Film Tape 5498 has a lm backing with a non-silicone rubber
adhesive.
Product Features
• Withstands autoclave cycles for several hours at temperatures up to
350°F (177°C) and 400°F (204°C) exposure for shorter periods.
• Extruded PTFE lm tape lies atter than typical skived PTFE lm tapes.
CAUTION: When PTFE lm tape is exposed to temperatures above 600°F
(316°C), small quantities of hazardous vapors may be released.
INHALATION OF THESE VAPORS MAY BE HARMFUL OR MAY CAUSE
RESPIRATORY TRACT IRRITATION. Do not heat or expose PTFE lm tape
to temperatures above 600°F (316°C).


Similar Part No. - 5498

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54984 OSRAM-54984 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549876 FESTO-549876 Datasheet
131Kb / 1P
Regulator plate
More results

Similar Description - 5498

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1205-1 3M-1205-1 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
Rev C
5490 3M-5490 Datasheet
176Kb / 2P
PTFE Extruded Film Tape
Oct-2016
5180 3M-5180 Datasheet
14Kb / 2P
General Purpose PTFE Skived Film Tape
Aug-2010
8004 3M-8004 Datasheet
563Kb / 5P
3M??Scotch짰 Specialty Performance Film Tape
1205 3M-1205 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
640 3M-640 Datasheet
567Kb / 6P
3M™ Scotch® Transparent Film Tape 640
Oct-2016
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
681 3M-681 Datasheet
573Kb / 6P
3M??Scotch짰 Transparent Film Tape 681
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com