Electronic Components Datasheet Search
  English  ▼

X  

5151 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5151
Description  PTFE Glass Cloth Tapes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5151 Datasheet(HTML) 1 Page - 3M Electronics

  5151 Datasheet HTML 1Page - 3M Electronics 5151 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product
Backing
Adhesive
Liner
Color
Standard
Roll Length
Standard
Roll Widths
3M tape
Woven glass cloth
Silicone
Embossed UPVC,
Dark
36 yds.
12, 24 and 36 in.
5151PL
impregnated with
random dot
Brown
(32.9 m)
PTFE, premium
pattern, yellow
grade, liner
3M tapes
Woven glass cloth
Silicone
No liner
Light
36 yds.
12, 24 and 36 in.
5151 and
impregnated with
Brown
(32.9 m)
5153
PTFE
3M tape
Woven glass cloth
Silicone
Embossed UPVC,
Light
36 yds.
12, 24 and 36 in.
5153L
impregnated with
random dot
Brown
(32.9 m)
PTFE, liner
pattern, yellow
PTFE Glass Cloth Tapes
5151 • 5153
Technical Data
June, 2011
Product
Description
3M™ PTFE Glass Cloth Tapes 5151 and 5153 are constructed using (PTFE) polytetra-
fluoroethylene impregnated glass cloth with silicone adhesive. These tapes are used in
many applications requiring high temperature performance and high abrasion resistance.
3M tapes 5151 and 5153 also come in a premium grade and a liner version.
Product
Construction
Typical
Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
ASTM Test Method
3M tape 5151
Adhesion to Steel:
33 oz./in. width (36 N/100 mm)
D-3330
Tensile Strength at Break:
110 lbs./in.width (1925 N/100 mm)
D-3759
Backing Thickness:
3.0 mils (0.08 mm)
D-3652
Total Tape Thickness:
5.3 mils (0.13 mm)
D-3652
Temperature Use Range:
-100°F to 500°F (-73°C to 260°C)
3M tape 5153
Adhesion to Steel:
43 oz./in. width (47 N/100 mm)
D-3330
Tensile Strength at Break:
290 lbs./in.width (5075 N/100 mm)
D-3759
Backing Thickness:
5.8 mils (0.15 mm)
D-3652
Total Tape Thickness:
8.0 mils (0.20 mm)
D-3652
Temperature Use Range:
-100°F to 500°F (-73°C to 260°C)
Features
• Very low moisture absorption allows the tape to perform in many humid environments.
• Provides greater tensile strength and resistance to tear and puncture than typical PTFE
film backed tapes.
• Thick glass cloth backing for a long wear life and high impact and puncture resistance.
• Thick PTFE coating for an exceptionally smooth surface and provides non-stick, low
friction surface.
• Easy release liner on versions with liner.
• Silicone adhesive offers high temperature performance and long aging.
CAUTION: When PTFE film tapes are exposed to temperatures about 600°F (316°C),
small quantities of hazardous vapors may be released. INHALATION OF THESE VAPORS
MAY BE HARMFUL OR MAY CAUSE RESPIRATORY TRACT IRRITATION. Do not
heat or expose PTFE film tapes to temperatures above 600°F (316°C).


Similar Part No. - 5151

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
5151 OHMITE-5151 Datasheet
143Kb / 1P
Rheostat and Tap Switch Hardware
logo
Permco, Inc.
5151 PERMCO-5151 Datasheet
2Mb / 2P
Pumps & Motors
2-23-26
logo
Spectrum Microwave, Inc...
515105 SPECTRUM-515105 Datasheet
72Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
logo
API Technologies Corp
515105 APITECH-515105 Datasheet
183Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
logo
Spectrum Microwave, Inc...
515106 SPECTRUM-515106 Datasheet
72Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
More results

Similar Description - 5151

ManufacturerPart #DatasheetDescription
logo
Kingboard Laminates Hol...
KB-5150 KINGBOARD-KB-5150 Datasheet
292Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
KB-5150H KINGBOARD-KB-5150H Datasheet
182Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
KB-5152 KINGBOARD-KB-5152 Datasheet
223Kb / 2P
Copper-clad modified epoxy paper core glass cloth composite laminate
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
3650 3M-3650 Datasheet
14Kb / 2P
Thermosetable Glass Cloth Tapes
May-2003
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com