Electronic Components Datasheet Search
  English  ▼

X  

2929 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2929
Description  3M™ General Use Duct Tape 2929
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2929 Datasheet(HTML) 1 Page - 3M Electronics

  2929 Datasheet HTML 1Page - 3M Electronics 2929 Datasheet HTML 2Page - 3M Electronics 2929 Datasheet HTML 3Page - 3M Electronics 2929 Datasheet HTML 4Page - 3M Electronics 2929 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
February, 2013
3M™ General Use Duct Tape 2929
Product Description
3M™ Duct Tape 2929 is a utility grade, conformable cloth duct tape made
with polyethylene lm over cloth scrim and rubber adhesive. A good choice
for temporary repairs, sealing, holding, and marking.
Product Features
• Polyethylene backing resists moisture prolonging the tape bond in moist
or humid environments.
• Rubber adhesive sticks well to many surfaces. It is a versatile tape for a
wide variety of applications.
• Quick easy tear.
• Individual roll wrap preserves integrity of the roll with less waste and easy
identi cation.


Similar Part No. - 2929

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2929 KR-2929 Datasheet
47Kb / 2P
1 MHz Cuttoff Frquency
logo
Tyco Electronics
292906-9 MACOM-292906-9 Datasheet
277Kb / 4P
RITS CONN & MEMORY BOARD
logo
Campbell Scientific Uni...
29291 CAMPBELL-29291 Datasheet
232Kb / 1P
Cable, RF320-Series Radio to AL200
06/17/2020
logo
Winchester Electronics ...
29293 WINCHESTER-29293 Datasheet
145Kb / 1P
POWER BUSS STRIPS 100 x 300 GRID
logo
Coilcraft lnc.
2929SQ COILCRAFT-2929SQ Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - 2929

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DT17 3M-DT17 Datasheet
129Kb / 5P
3M™ Super Duty Duct Tape DT17
Mar-2019
3903 3M-3903 Datasheet
305Kb / 2P
3M Vinyl Duct Tape
Jan-2018
3979 3M-3979 Datasheet
126Kb / 5P
3M™ Contractor Grade Duct Tape 3979
Apr-2014
2158B 3M-2158B Datasheet
174Kb / 9P
3M??Value Duct Tape 1900
Dec-2009
1900 3M-1900 Datasheet
141Kb / 5P
3M™ Value Duct Tape 1900
Jun-2011
8979N 3M-8979N Datasheet
153Kb / 6P
3M??Performance Plus Duct Tape Nuclear Grade
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com