Electronic Components Datasheet Search
  English  ▼

X  

685 Datasheet(PDF) 3 Page - 3M Electronics

Part # 685
Description  3M™ Riveters Tape 685
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

685 Datasheet(HTML) 3 Page - 3M Electronics

  685 Datasheet HTML 1Page - 3M Electronics 685 Datasheet HTML 2Page - 3M Electronics 685 Datasheet HTML 3Page - 3M Electronics 685 Datasheet HTML 4Page - 3M Electronics 685 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO Statement
3M™ Riveters Tape 685
Available Sizes (continued)
Width
3/4 yd (19 mm) with 3/16 yd (4.8 mm) adhesive strip on each edge
1 yd (.25 mm) with 1/4 yd (6.4 mm) adhesive strip on each edge
Storage and Shelf Life
Store in a clean dry place at 60-80°F (15-27°C) and 40-50% relative humidity.
Shelf Life: No longer than 18 months from date of manufacture.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Riveters-Tape-685?
N=5002385+3293241609&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=685
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to
ISO 9001 standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com