Electronic Components Datasheet Search
  English  ▼

X  

600 Datasheet(PDF) 3 Page - 3M Electronics

Part # 600
Description  3M™ Scotch® Transparent Film Tape 600
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

600 Datasheet(HTML) 3 Page - 3M Electronics

  600 Datasheet HTML 1Page - 3M Electronics 600 Datasheet HTML 2Page - 3M Electronics 600 Datasheet HTML 3Page - 3M Electronics 600 Datasheet HTML 4Page - 3M Electronics 600 Datasheet HTML 5Page - 3M Electronics 600 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch® Transparent Film Tape 600
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
66 m
72 yd
Standard Width
9.5, 12.7, 19, 25.4, 38.1,
50.8 mm
3/8, 1/2, 3/4, 1, 1.5, 2 in
Core Size
76.2 mm
3 in
ID
Available Sizes
Custom widths and lengths
available on request,
subject to minimum order
requirements.
Handling/Application Information
Application Techniques
An extensive line of manual, semi-automatic and automatic equipment is available to facilitate application of
Scotch® Tape 600.
Storage and Shelf Life
Storage of Scotch® Tape 600 at 70°F (21°C) and 40-50% relative humidity is recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Industry Speci cations
Meets CID A-A-113 Type 1 Class A
Trademarks
Scotch is a registered trademark of 3M Company.
3M is a trademark of 3M Company.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com