Electronic Components Datasheet Search
  English  ▼

X  

520S Datasheet(PDF) 1 Page - 3M Electronics

Part # 520S
Description  Sandblast Stencil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

520S Datasheet(HTML) 1 Page - 3M Electronics

  520S Datasheet HTML 1Page - 3M Electronics 520S Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Sandblast Stencil
520 • 520ETL • 520S • 520T
Product Description
3M™ Sandblast Stencil 520 Series, also known as computer cut, is a tan rubber
sandblast stencil featuring three different liner designs.
• 3M™ Sandblast Stencil 520ETL has a 4 mil polyester liner.
• 3M™ Sandblast Stencil 520S and 520T has a 2 mil polyester liner.
Computer cuttable 3M sandblast stencil 520S is a slot feed format designed to be used
with most computer plotter and can also be used as a friction feed format when liner
separation during computer cutting is a concern.
Features
• 3M sandblast stencil 520 and 520ETL are ideal for hand and die-cutting and can be
used with most stencil press equipment and plastic letters and designs.
• Tan rubber backing that takes distinct carbon transfer so cut lines show up clearly.
• Rubber adhesive for excellent adhesion to polished stone, wood and fillers.
Application Techniques
• It is recommended that this stencil not be applied to cold stone surfaces because of
possible condensation forming on the surface when placed in warm areas. Apply to a
warm, cleanand dry surface.
• Remove stencil scrap areas, allow stencil to relax to minimize shrinkage, then apply to
stone or wood surfaces and use normal blasting procedures. When applying to stone or
wood surfaces, rub stencil down firmly to achieve maximum adhesion.
• A light coat of 3M™ Sandblast Filler #2 can be used on polished surfaces if
increased adhesion is desired. The filler is only used on axed or frost surfaces to
help hold 3M sandblast stencils.
Technical Data
May, 2007
Product Construction
Product
Number
Backing
Rubber Color
Liner
Standard Roll Sizes*
520
Tan rubber
Grey
2 mil polyester
101/2", 121/2", 15", 183/4",
21", 25", 30" x 10 yds. (9 m)
520ETL
4 mil polyester
15", 30" x 10 yds. (9 m)
520S
2 mil polyester
15", 30" x 10 yds. (9 m)
30" x 20 yds. (19 m)
520T
2 mil polyester
15", 25", 30" x 10 yds. (9 m)
*Note: Contact your 3M sales representative for non-standard size information.
ASTM Test Method
Adhesion to Granite:
36 oz./in. width (39 N/100 mm)
D-3330
Total Thickness:
45 mils (1.1 mm)
D-3652
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - 520S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
520 LITTELFUSE-520 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Intel Corporation
520 INTEL-520 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
logo
List of Unclassifed Man...
520 ETC2-520 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
CTS Corporation
520 CTS-520 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
More results

Similar Description - 520S

ManufacturerPart #DatasheetDescription
logo
3M Electronics
519Y 3M-519Y Datasheet
314Kb / 2P
Sandblast Stencil ProductS
May-2016
519YP2 3M-519YP2 Datasheet
314Kb / 2P
Sandblast Stencil Products
May-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com