Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 1 Page - 3M Electronics

Part # 345
Description  Vibration Damping Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

345 Datasheet(HTML) 1 Page - 3M Electronics

  345 Datasheet HTML 1Page - 3M Electronics 345 Datasheet HTML 2Page - 3M Electronics 345 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Vibration Damping Tapes
434• 435 • 436
Technical Data
November, 2013
Product Description
3M™ Vibration Damping Tapes are low temperature 3M™ Viscoelastic Damping
Polymers coated on a dead soft aluminum foil constraining layer. They have
pressure sensitive properties and are furnished in roll form and designed for direct,
pressure sensitive application to metal and composite panels for vibration damping
purposes. The combination of the low temperature 3M viscoelastic polymers and an
aluminum constraining layer has proven to be an unique construction with
exceptional ability to damp resonant vibrations in the temperature range of -76° to
+68°F (-60° to +20°C).
Product Construction
Product
Liner
Aluminum
Damping Polymer
3M™ Vibration
Damping Tape 434
Polyethylene
(Blue)
5.5 mils (0.14 mm)
(Dead Soft Aluminum Foil)
2.0 mils (0.05 mm)
Synthetic
3M™ Vibration
Damping Tape 435
Polyethylene
(Blue)
8.0 mils (0.20 mm)
(Dead Soft Aluminum Foil)
5.5 mils (0.14 mm)
Synthetic
3M™ Vibration
Damping Tape 436
Polyethylene
(Blue)
12.0 mils (0.30 mm) (Dead
Soft Aluminum Foil)
5.5 mils (0.14 mm)
Synthetic
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
Tensile Strength:
Elongation at Break:
Total Tape Thickness:
65 oz./in. width (724 gm/cm width)
50 lbs/in (875 N/100 mm)
12%
D-3330
D-3759
D-3652
3M tape 434
3M tape 435
3M tape 436
7.5 mils (0.19 mm)
13.5 mils (0.34 mm)
17.5 mils (0.45 mm)
Water Vapor Transmission Rate:
0.1 gm./100 in.2/24 hour/mil
D-3833
Weight:
3M tape 434
0.090 lb./ft.2 (0.44 Kg/m2)
3M tape 435
3M tape 436
0.138 lb./ft.2 (0.675 Kg/m2)
0.194 lb./ft.2 (0.949 Kg/m2)
Flammability:
All products pass F.A.R. 25.853(a)
Optimal Temperature Use Range:
-76° to 68°F (-60° to 20°C)


Similar Part No. - 345

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
345 FILTRONIC-345 Datasheet
148Kb / 2P
MINIATURE, IN-LINE, SMA CONNECTORS
logo
Intel Corporation
345 INTEL-345 Datasheet
1Mb / 82P
Celeron D Processor
logo
Magnetrol International...
345 MAGNETROL-345 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
List of Unclassifed Man...
345 ETC2-345 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
API Technologies Corp
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
More results

Similar Description - 345

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
MKV AC Capacitors Damping
logo
Cystech Electonics Corp...
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
1A Snubber Damping Rectifier
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
2552 3M-2552 Datasheet
118Kb / 4P
Damping Foil
Jan-2012
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com