Electronic Components Datasheet Search
  English  ▼

X  

225 Datasheet(PDF) 1 Page - 3M Electronics

Part # 225
Description  Silver Weather-Resistant Masking Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

225 Datasheet(HTML) 1 Page - 3M Electronics

  225 Datasheet HTML 1Page - 3M Electronics 225 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Silver Weather-Resistant Masking Tape
225
Product Description
3M™ Silver Weather-Resistant Masking Tape 225 is used for masking when outdoor
weather resistance is needed for up to one month.
Typical Physical
Properties
Technical Data
April, 2004
ASTM Test Method
Adhesion to Steel:
33 oz./in. width (36 N/100 mm width)
D-3330
Tensile Strength:
21 lbs./in. width (368 N/100 mm width)
D-3759
Elongation at Break:
9%
D-3759
Tape Thickness:
5.8 mils (0.15 mm)
D-3652
Temperature Use Range:
Up to 200°F (93°C) for up to 30 min.
Removes cleanly
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Silver colored smooth crepe
Rubber adhesive with
Silver
55 m (60.15 yds.)
paper treated with a moisture
good holding power
and light resistant saturant
Features
• Rubber adhesive provides instant adhesion that sticks easily to most surfaces.
• Resists lifting and curling due to the good holding power of the adhesive.
• Saturated crepe backing provides conformability for easy handling and application.
• Tears easily to reduce waste and provide ease of application and handling.
• Solvent and moisture resistant to provide bleed through resistance in application.
• The silver treatment provides UV resistance, which allows for outdoor use with
clean removability.
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Important Notice:
3M has recently changed the backing and adhesive of this product and the facility manufacturing
this product. The following technical data is from tests conducted on samples taken from limited
production runs of the tape at the new facility. 3M will continue to test samples from additional
production runs and will issue a new technical data sheet if the test results change. 3M recommends
you test this revised product to make sure it is fit for your particular purpose and suitable for your
application.
Application Ideas
• Holding or protecting when outdoor weathering is encountered for a short period
of time.
• Marine paint masking applications where outdoor exposure is expected.
• Protecting various items during painting and construction.
• Holding temporary outdoor signs.
• General outdoor use for periods not to exceed one month.


Similar Part No. - 225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225 ETC2-225 Datasheet
191Kb / 1P
SMK FEMALE TO SMK MALE STRAIGHT ADAPTER
logo
Aries Electronics, Inc.
225 ARIES-225 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
ITT Industries
225-0000-006 ITT-225-0000-006 Datasheet
688Kb / 19P
ARINC 600 BKAD/E/F
225-0000-006 ITT-225-0000-006 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
225-0000-008 ITT-225-0000-008 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
More results

Similar Description - 225

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
Feb-2011
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
Feb-2011
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
Sep-2011
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
226 3M-226 Datasheet
570Kb / 6P
3M™ Scotch® Solvent Resistant Masking Tape 226
Oct-2011
838 3M-838 Datasheet
14Kb / 2P
Weather Resistant Film Tape
05-Nov-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com