Electronic Components Datasheet Search
  English  ▼

X  

SCAN90004 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90004
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90004 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCAN90004 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90004 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 4)
Max
Units
LVDS OUTPUT DC SPECIFICATIONS (OUTn±)
V
OD
Differential Output Voltage,
0% Pre-emphasis (Note 5)
R
L = 100
Ω between OUT+ and OUT−
250
500
600
mV
∆V
OD
Change in V
OD between
Complementary States
-35
35
mV
V
OS
Offset Voltage (Note 6)
1.05
1.18
1.475
V
∆V
OS
Change in V
OS between
Complementary States
-35
35
mV
I
OS
Output Short Circuit Current
OUT+ or OUT− Short to GND
−60
−90
mA
C
OUT2
Output Capacitance
OUT+ or OUT− to GND when TRI-STATE
5.5
pF
SUPPLY CURRENT (Static)
I
CC
Supply Current
All inputs and outputs enabled and active,
terminated with differential load of 100
Ω
between OUT+ and OUT-.
117
140
mA
I
CCZ
Supply Current - Power Down
Mode
PWDN = L
2.7
6
mA
SWITCHING CHARACTERISTICS — LVDS OUTPUTS
t
LHT
Differential Low to High
Transition Time
Use an alternating 1 and 0 pattern at 200 Mb/s,
measure between 20% and 80% of V
OD.
210
300
ps
t
HLT
Differential High to Low
Transition Time
210
300
ps
t
PLHD
Differential Low to High
Propagation Delay
Use an alternating 1 and 0 pattern at 200 Mb/s,
measure at 50% V
OD between input to output.
2.0
3.2
ns
t
PHLD
Differential High to Low
Propagation Delay
2.0
3.2
ns
t
SKD1
Pulse Skew
|t
PLHD–tPHLD|25
80
ps
t
SKCC
Output Channel to Channel
Skew
Difference in propagation delay (t
PLHD or tPHLD)
among all output channels.
50
125
ps
t
JIT
Jitter (0% Pre-emphasis)
(Note 7)
RJ - Alternating 1 and 0 at 750 MHz (Note 8)
1.1
1.5
psrms
DJ - K28.5 Pattern, 1.5 Gbps (Note 9)
43
62
psp-p
TJ - PRBS 2
23-1 Pattern, 1.5 Gbps (Note 10)
35
85
psp-p
t
ON
LVDS Output Enable Time
Time from PWDN to OUT± change from
TRI-STATE to active.
300
ns
t
OFF
LVDS Output Disable Time
Time from PWDN to OUT± change from active
to TRI-STATE.
12
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com