Electronic Components Datasheet Search
  English  ▼

X  

AD9444 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9444
Description  14-Bit, 80 MSPS, A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9444 Datasheet HTML 15Page - Analog Devices AD9444 Datasheet HTML 16Page - Analog Devices AD9444 Datasheet HTML 17Page - Analog Devices AD9444 Datasheet HTML 18Page - Analog Devices AD9444 Datasheet HTML 19Page - Analog Devices AD9444 Datasheet HTML 20Page - Analog Devices AD9444 Datasheet HTML 21Page - Analog Devices AD9444 Datasheet HTML 22Page - Analog Devices AD9444 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD9444
Rev. 0 | Page 19 of 40
0.951
0.952
0.953
0.954
0.955
0.956
0.957
0.958
0.959
0.960
0.961
–20
0
20
40
60
80
TEMPERATURE (°C)
–40
Figure 36. VREF vs. Temperature
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
2048
4096
6144
8192
10240
12288
14336
16384
OUTPUT CODE
Figure 37. DNL Error vs. Output Code, 80 MSPS, AIN = 15 MHz
–20
0
20
40
60
80
TEMPERATURE (°C)
–40
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
Figure 38. Gain vs. Temperature
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
2048
4096
6144
8192
10240
12288
14336
16384
OUTPUT CODE
Figure 39. INL Error vs. Output Code, 80 MSPS, AIN = 15 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com