Electronic Components Datasheet Search
  English  ▼

X  

AD9445 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9445
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445 Datasheet(HTML) 4 Page - Analog Devices

  AD9445 Datasheet HTML 1Page - Analog Devices AD9445 Datasheet HTML 2Page - Analog Devices AD9445 Datasheet HTML 3Page - Analog Devices AD9445 Datasheet HTML 4Page - Analog Devices AD9445 Datasheet HTML 5Page - Analog Devices AD9445 Datasheet HTML 6Page - Analog Devices AD9445 Datasheet HTML 7Page - Analog Devices AD9445 Datasheet HTML 8Page - Analog Devices AD9445 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9445
Rev. 0 | Page 4 of 40
AC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sample rate, 2.0 V p-p differential input, internal
trimmed reference (1.0 V mode), AIN = −1.0 dBFS, DCS on, RF ENABLE = ground, unless otherwise noted.
Table 2.
AD9445BSVZ-105
AD9445BSVZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 10 MHz
25°C
74.3
74.1
dB
fIN = 30 MHz
25°C
73.3
74.3
72.9
73.8
dB
Full
73
72.5
dB
fIN = 170 MHz
25°C
72.9
73.6
72.3
73.2
dB
fIN = 225 MHz1
25°C
72.2
73
72
72.9
dB
Full
72.2
71.4
dB
fIN = 300 MHz2
25°C
71.4
72.1
71.3
72
dB
fIN = 400 MHz2
25°C
71
71
dB
fIN = 450 MHz2
25°C
70.5
70.5
dB
fIN = 10 MHz (3.2 V p-p Input)
25°C
77.6
77.3
dB
fIN = 30 MHz (3.2 V p-p Input)
25°C
77.5
77.3
dB
fIN = 170 MHz (3.2 V p-p Input)
25°C
76
76
dB
fIN = 225 MHz (3.2 V p-p Input)1
25°C
75.3
75.4
dB
fIN = 300 MHz (3.2 V p-p Input)2
25°C
73.7
73.5
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 10 MHz
25°C
74.2
73.9
dB
fIN = 30 MHz
25°C
73.2
74.2
72.8
73.7
dB
Full
72.8
72.3
dB
fIN = 170 MHz
25°C
72.3
73.3
72.4
73.0
dB
fIN = 225 MHz1
25°C
71.4
72.5
71.9
72.5
dB
Full
71.3
70.7
dB
fIN = 300 MHz2
25°C
70.2
71.7
69.3
71.5
dB
fIN = 400 MHz2
25°C
67.2
66.3
dB
fIN = 450 MHz2
25°C
65.2
64.3
dB
fIN = 10 MHz (3.2 V p-p Input)
25°C
77.4
76.9
dB
fIN = 30 MHz (3.2 V p-p Input)
25°C
77.3
76.8
dB
fIN = 170 MHz (3.2 V p-p Input)
25°C
75.7
75.4
dB
fIN = 225 MHz (3.2 V p-p Input)1
25°C
75.1
75.2
dB
fIN = 300 MHz (3.2 V p-p Input)2
25°C
72.5
71.8
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
12.2
12.2
Bits
fIN = 30 MHz
25°C
12.2
12.1
Bits
fIN = 170 MHz
25°C
12.1
12.0
Bits
fIN = 225 MHz1
25°C
12.0
12.0
Bits
fIN = 300 MHz2
25°C
11.8
11.8
Bits
fIN = 400 MHz2
25°C
11.7
11.7
Bits
fIN = 450 MHz2
25°C
11.6
11.6
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com