Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 1 Page - Analog Devices

  AD9446 Datasheet HTML 1Page - Analog Devices AD9446 Datasheet HTML 2Page - Analog Devices AD9446 Datasheet HTML 3Page - Analog Devices AD9446 Datasheet HTML 4Page - Analog Devices AD9446 Datasheet HTML 5Page - Analog Devices AD9446 Datasheet HTML 6Page - Analog Devices AD9446 Datasheet HTML 7Page - Analog Devices AD9446 Datasheet HTML 8Page - Analog Devices AD9446 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
16-Bit, 80/100 MSPS ADC
AD9446
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
100 MSPS guaranteed sampling rate (AD9446-100)
83.6 dBFS SNR with 30 MHz input (3.8 V p-p input, 80 MSPS)
82.6 dBFS SNR with 30 MHz input (3.2 V p-p input, 80 MSPS)
89 dBc SFDR with 30 MHz input (3.2 V p-p input, 80 MSPS)
95 dBFS 2-tone SFDR with 9.8 MHz and 10.8 MHz (100 MSPS)
60 fsec rms jitter
Excellent linearity
DNL = ±0.4 LSB typical
INL = ±3.0 LSB typical
2.0 V p-p to 4.0 V p-p differential full-scale input
Buffered analog inputs
LVDS outputs (ANSI-644 compatible) or CMOS outputs
Data format select (offset binary or twos complement)
Output clock available
3.3 V and 5 V supply operation
APPLICATIONS
MRI receivers
Multicarrier, multimode cellular receivers
Antenna array positioning
Power amplifier linearization
Broadband wireless
Radar
Infrared imaging
Communications instrumentation
GENERAL DESCRIPTION
The AD9446 is a 16-bit, monolithic, sampling analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit. It is
optimized for performance, small size, and ease of use. The
product operates up to a 100 MSPS, providing superior SNR for
instrumentation, medical imaging, and radar receivers
employing baseband (<100 MHz) IF frequencies.
The ADC requires 3.3 V and 5.0 V power supplies and a low
voltage differential input clock for full performance operation.
No external reference or driver components are required for
many applications. Data outputs are CMOS or LVDS
compatible (ANSI-644 compatible) and include the means to
reduce the overall current needed for short trace distances.
FUNCTIONAL BLOCK DIAGRAM
CMOS
OR
LVDS
OUTPUT
STAGING
CLOCK
AND TIMING
MANAGEMENT
AGND
DRGND DRVDD
VREF
CLK+
VIN+
AD9446
VIN–
CLK–
DCO
AVDD1 AVDD2
DCS MODE
DFS
OUTPUT MODE
T/H
BUFFER
16
PIPELINE
ADC
2
32
2
OR
D15 TO D0
REF
REFB
SENSE REFT
Figure 1.
Optional features allow users to implement various selectable
operating conditions, including input range, data format select,
and output data mode.
The AD9446 is available in a Pb-free, 100-lead, surface-mount,
plastic package (100-lead TQFP/EP) specified over the
industrial temperature range −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
True 16-bit linearity.
2.
High performance: outstanding SNR performance for
baseband IFs in data acquisition, instrumentation,
magnetic resonance imaging, and radar receivers.
3.
Ease of use: on-chip reference and high input impedance
track-and-hold with adjustable analog input range and an
output clock simplifies data capture.
4.
Packaged in a Pb-free, 100-lead TQFP/EP package.
5.
Clock duty cycle stabilizer (DCS) maintains overall ADC
performance over a wide range of clock pulse widths.
6.
OR (out-of-range) outputs indicate when the signal is
beyond the selected input range.


Similar Part No. - AD9446

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446 AD-AD9446 Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
707Kb / 37P
16-Bit, 80/100 MSPS ADC
Rev. 0
AD9446-100LVDS/PCB AD-AD9446-100LVDS/PCB Datasheet
707Kb / 37P
16-Bit, 80/100 MSPS ADC
Rev. 0
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9446

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
16-Bit, 80/100 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
16-Bit, 80/100 MSPS ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com