Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-VP12201F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-VP12201F
Description  12 V - 5 W isolated flyback converter based on VIPer122LS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-VP12201F Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-VP12201F Datasheet HTML 1Page - STMicroelectronics STEVAL-VP12201F Datasheet HTML 2Page - STMicroelectronics STEVAL-VP12201F Datasheet HTML 3Page - STMicroelectronics STEVAL-VP12201F Datasheet HTML 4Page - STMicroelectronics STEVAL-VP12201F Datasheet HTML 5Page - STMicroelectronics STEVAL-VP12201F Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
Schematic diagrams
Figure 5. STEVAL-VP12201F circuit schematic
SFH6106
AC IN
22uF
R8
22
620
C8
15uF - 400V
D3
3
C6
5
1mH
R3
1.2K
SFH6106
33nF
220k
2
OPTO
D2
4
1.5nF
STPS1H100A
REF
BR
220uF
R4
100pF
R1
22
10K
2
-
+
2.2nF
R2
C2
GND
130K
1
OPTO
T1
EA-OUT
R6
BAT41ZFILM
6
15K
12V - 5W
GND
AC IN
L1
R5
C1
C9
C5
220pF
18V
EA-IN
D1
R7
TS432
4
VIPer122
DRAIN
220pF
CONTROL
C7
C4
C3
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com