Electronic Components Datasheet Search
  English  ▼

X  

STLQ020 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLQ020
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020 Datasheet(HTML) 1 Page - STMicroelectronics

  STLQ020 Datasheet HTML 1Page - STMicroelectronics STLQ020 Datasheet HTML 2Page - STMicroelectronics STLQ020 Datasheet HTML 3Page - STMicroelectronics STLQ020 Datasheet HTML 4Page - STMicroelectronics STLQ020 Datasheet HTML 5Page - STMicroelectronics STLQ020 Datasheet HTML 6Page - STMicroelectronics STLQ020 Datasheet HTML 7Page - STMicroelectronics STLQ020 Datasheet HTML 8Page - STMicroelectronics STLQ020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DFN6-2x2
Flip-Chip4
S OT323-5L
Features
•
Operating input voltage range: 2 V to 5.5 V
•
Output current up to 200 mA
•
Ultra-low quiescent current:
–
300 nA typ. at no load
–
100 μA typ. at 200 mA load
•
Controlled Iq in dropout conditions
•
Very low-dropout voltage: 160 mV at 200 mA
•
Output voltage accuracy: 2% at room temperature, 3% in full temperature range
•
Output voltage versions: from 0.8 V to 4.5 V, with 50 mV step and adjustable
•
Logic-controlled electronic shutdown
•
Output discharge feature (optional)
•
Internal overcurrent and thermal protections
•
Temperature range: from -40 °C to +125 °C
•
Packages: DFN6-2x2, SOT323-5L, Flip-Chip4
Applications
•
Smartphones/tablets
•
Image sensors
•
Wearable accessories
•
Healthcare devices
•
Metering
Description
The STLQ020 is a 200 mA low-dropout voltage regulator, able to work with an input
voltage ranging from 2 V to 5.5 V.
The typical dropout voltage at maximum load is 160 mV.
The ultra-low quiescent current, which is just 0.3 μA at no load, extends battery-life of
applications requiring very long standby time.
Even though the device intrinsic consumption is ultra-low, STLQ020 is able to provide
fast transient response and good PSRR performance, thanks to its adaptive biasing
circuit.
Enable pin puts the STLQ020 in shutdown mode, reducing total current consumption
to 5 nA.
The STLQ020 is designed to keep the quiescent current under control and at a low
value also during dropout operation, helping to extend even more the operating time
of battery- powered devices.
It also includes short-circuit constant-current limiting and thermal protection.
Several small package options are available.
Maturity status link
STLQ020
200 mA ultra-low quiescent current LDO
STLQ020
Datasheet
DS12072 - Rev 3 - June 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STLQ020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results

Similar Description - STLQ020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
200 mA low quiescent current and low noise LDO
October 2016 Rev 4
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com