Electronic Components Datasheet Search
  English  ▼

X  

STM8S003F3P6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8S003F3P6
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8S003F3P6 Datasheet HTML 61Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 62Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 63Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 64Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 65Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 66Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 67Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 68Page - STMicroelectronics STM8S003F3P6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
DS7147 Rev 10
65/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
9.3.5
Memory characteristics
RAM and hardware registers
Flash program memory and data EEPROM
General conditions: TA = -40 to 85 °C.
Table 36. RAM and hardware registers
Symbol
Parameter
Conditions
Min
Unit
VRM
Data retention mode(1)
1. Minimum supply voltage without losing data stored in RAM (in halt mode or under reset) or in hardware
registers (only in halt mode). Guaranteed by design.
Halt mode (or reset)
VIT-max(2)
2. Refer to Table 20 on page 50 for the value of VIT-max.
V
Table 37. Flash program memory and data EEPROM
Symbol
Parameter
Conditions
Min(1)
1. Data based on characterization results.
Typ
Max
Unit
VDD
Operating voltage
(all modes, execution/write/erase)
fCPU 16 MHz
2.95
-
5.5
V
tprog
Standard programming time (including
erase) for byte/word/block
(1 byte/4 bytes/64 bytes)
--
6.0
6.6
ms
Fast programming time for 1 block (64
bytes)
--
3.0
3.3
ms
terase
Erase time for 1 block (64 bytes)
-
-
3.0
3.3
ms
NRW
Erase/write cycles(2)
(program memory)
2. The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a
write/erase operation addresses a single byte.
TA = 85 °C
100
-
-
cycles
Erase/write cycles(2)
(data memory)
100 k
-
-
tRET
Data retention (program memory)
after 100 erase/write cycles at
TA = 85 °C
TRET = 55° C
20
-
-
years
Data retention (data memory) after
10 k erase/write cycles at TA = 85 °C
20
-
-
Data retention (data memory) after
100 k erase/write cycles at TA = 85 °C
TRET = 85° C
1.0
-
-
IDD
Supply current (Flash programming or
erasing for 1 to 128 bytes)
--
2.0
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com