Electronic Components Datasheet Search
  English  ▼

X  

8934 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8934
Description  Tartan™ Utility Filament Tape 8934
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8934 Datasheet(HTML) 2 Page - 3M Electronics

  8934 Datasheet HTML 1Page - 3M Electronics 8934 Datasheet HTML 2Page - 3M Electronics 8934 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tartan™ Utility Filament Tape 8934
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Clear
Total Tape Thickness
0.102 mm
4 mil
ASTM D3652
Backing
Polypropylene lm
Adhesive
Pressure sensitive synthetic rubber-
resin
Reinforcement
Glass Yarn
Typical Performance Characteristics
180° Peel Adhesion
Backing
Notes
Substrate
5.3 N/cm
48 oz/in
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
53 N/100mm
Stainless Steel
Property: 180° Peel Adhesion
Method: ASTM D3330
Tensile Strength
175.1 N/cm
1751 N/100mm
100 lb/in
Property: Tensile Strength
Method: ASTM D3759
Elongation at Break: 3 %
Methods
ASTM D3759
Handling/Application Information
Application Techniques
An extensive line of hand-held tape dispensers is available. Application of Tartan™ Filament Tape 8934 is most easily accomplished at room temperature. At lower
temperatures approaching 32°F (0°C), the adhesive becomes rm. Once applied, Tartan tape 8934 performs well throughout the normal temperature ranges typically
encountered by packaged products in shipping and storage environments.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended. Rotate your stock.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Tartan is a trademark of 3M Company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com