Electronic Components Datasheet Search
  English  ▼

X  

6141 Datasheet(PDF) 2 Page - 3M Electronics

Part # 6141
Description  3M™ Light Duty Water Activated Paper Tape 6141
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6141 Datasheet(HTML) 2 Page - 3M Electronics

  6141 Datasheet HTML 1Page - 3M Electronics 6141 Datasheet HTML 2Page - 3M Electronics 6141 Datasheet HTML 3Page - 3M Electronics 6141 Datasheet HTML 4Page - 3M Electronics 6141 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Light Duty Water Activated Paper Tape 6141
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Test Condition
Caliper
0.09 mm
3.5 mil
ASTM D645
Basis Weight
35 lb/ream
ASTM D646
Tear Resistance
72 g
ASTM D1922
Machine Direction
Tear Resistance
82 g
ASTM D1922
Cross Direction
Typical Performance Characteristics
Property
Values
Method
Tensile Strength
525 N/100mm
30 lb/in
ASTM D5803
Available Sizes
Property
Values
Standard Roll Length
152.4 m
500 ft
Standard Width
38.1 mm
1.5 in
Packaging
20 rolls per case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com