Electronic Components Datasheet Search
  English  ▼

X  

R7359 Datasheet(PDF) 1 Page - 3M Electronics

Part # R7359
Description  Splittable Flying Splice Tapes for Flexographic Printers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R7359 Datasheet(HTML) 1 Page - 3M Electronics

  R7359 Datasheet HTML 1Page - 3M Electronics R7359 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Splittable Flying Splice Tapes for
Flexographic Printers
1
Product
Description
3M
TM tapes R5348, R7359 and 8387 are splittable flying splice tapes with easy-
release split liners. This family of splittable tapes sticks to a wide variety of substrates
including polyethylene, BOPP, polyester, cast polypropylene, aluminum foil and
paper.
Features
 Aggressive adhesives provide high performance across a wide variety of
substrates.
 Tape separates easily and smoothly.
 Eliminates the possibility of small pieces of tape or butterfly tabs breaking off
or sticking to the rollers or the CI drum.
 Quick and easy application with no need for complex patterns or multiple
tapes.
 Ideal for off-line splice preparation and subsequent roll storage.
Typical
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Product
R5348
R7359
8387
Adhesive
Repulpable Adhesive
Repulpable Adhesive
Differential Adhesive
Backing
Repulpable Paper
Repulpable Paper
Film
Liner
Easy-release coated paper
Easy-release coated paper
Easy-release coated paper
Color
Splicing Side - Blue
Tabbing Side - White
Splicing Side - Blue
Tabbing Side - White
Splicing Side - Pink
Tabbing Side - Black
Tape Thickness
5.0 mils (0.11 mm)
without liner
6.6 mils (0.17 mm)
without liner
7.0 mils (0.19 mm)
without liner
Liner Thickness
2.5 mils (0.06 mm)
2.5 mils (0.06 mm)
3.0 mils (0.09 mm)
Post - Split Splicing Tape Thickness
2.5 mils (0.06 mm)
4.0 mils (0.10 mm)
4.0 mils (0.10 mm)
Post - Split Tabbing Tape Thickness
2.2 mils (0.05 mm)
2.2 mils (0.05 mm)
3.0 mils (0.09 mm)
Technical Data
Dec 2014


Similar Part No. - R7359

ManufacturerPart #DatasheetDescription
logo
3M Electronics
R7359 3M-R7359 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
More results

Similar Description - R7359

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63821EFV ROHM-BD63821EFV_12 Datasheet
266Kb / 9P
Moter Drivers for Printers Motor Drivers with Brush for Printers
logo
3M Electronics
R5348 3M-R5348 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
Aug-2015
R7369 3M-R7369 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
9990N 3M-9990N Datasheet
32Kb / 3P
Tapes and Splicing Component Products for making newspaper flying splices
Jul-2012
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
906B 3M-906B Datasheet
202Kb / 2P
Repulpable Flying Splice Tape
Mar-2014
logo
Rohm
KA3002-B05N00A ROHM-KA3002-B05N00A Datasheet
71Kb / 2P
For Mobile Printers series
2019.10 - Rev.002
KA3003-H05N20A ROHM-KA3003-H05N20A Datasheet
341Kb / 2P
For Mobile Printers series
2022.04 - Rev.001
KR2002-D06B71A ROHM-KR2002-D06B71A Datasheet
357Kb / 2P
For Mobile Printers series
2022.04 - Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com