Electronic Components Datasheet Search
  English  ▼

X  

3750 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3750
Description  3M Hot Melt Adhesive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3750 Datasheet(HTML) 3 Page - 3M Electronics

  3750 Datasheet HTML 1Page - 3M Electronics 3750 Datasheet HTML 2Page - 3M Electronics 3750 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M™ Hot Melt Adhesive
3750LM • 3750
Storage
Store product below 120°F (49°C).
Shelf Life
When stored at the recommended conditions, this product has a shelf life of 2 years
after 3M ships the product to a customer or distributor.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577or (651) 737-6501
Product Use
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. How ever, many factors beyond 3M
’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
w hich the product is used and the time and environmental conditions in w hich the product is expected to
perform. Since these factors are uniquely w ithin the user
’s know ledge and control, it is essential that the
user evaluate the 3M product to determine w hether it is fit for a particular purpose and suitable for the
user
’s method of application.
Warranty and
Limite d Remedy
Unless stated otherw ise in 3M
’s product literature, packaging inserts or product packaging for individual
products, 3Mw arrants that each 3Mproduct meets the applicable specifications at the time 3M ships the
product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3MMAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. User is responsible for determining w hether the 3Mproduct
is fit for a particular purpose and suitable for user
’s application. If the 3Mproduct is defectivewithin the
w arranty period, your exclusive remedy and 3M
’s and seller’s sole obligation w ill be, at 3M’s option, to
replace the product or refund the purchase price.
Limitation of Liability
3
Except w here prohibited by law, 3M and seller w ill not be liable for any loss or damage arising from the
3M product, w hether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including w arranty, contract, negligence or strict liability.
ISO 9001: 2000
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2000 standards.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, M N 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M .com/Adhesives
3M is a trademark of 3M.
©3M 2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com