Electronic Components Datasheet Search
  English  ▼

X  

2214 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2214
Description  Scotch-WeldTM Epoxy Adhesives
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2214 Datasheet(HTML) 2 Page - 3M Electronics

  2214 Datasheet HTML 1Page - 3M Electronics 2214 Datasheet HTML 2Page - 3M Electronics 2214 Datasheet HTML 3Page - 3M Electronics 2214 Datasheet HTML 4Page - 3M Electronics 2214 Datasheet HTML 5Page - 3M Electronics 2214 Datasheet HTML 6Page - 3M Electronics 2214 Datasheet HTML 7Page - 3M Electronics 2214 Datasheet HTML 8Page - 3M Electronics 2214 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
2214 Regular • 2214 Hi-Dense • 2214 Hi-Temp • 2214 Hi-Temp New Formula • 2214 Non-Metallic Filled
- 2 -
Typical Cured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ Epoxy Adhesive 2214
Regular
Hi-Dense
Hi-Temp
Hi-Temp
New Formula
Non-Metallic
Filled
Color
Gray
Gray
Gray
Gray Brown
Cream to Tan
Shore D Hardness
(Approx.)
85
85
88
85
85
Elongation (Approx. %)
<2
<2
1
1
<2
Ultimate Tensile
(Approx. psi)
10,000
10,000
8,000
–
9,000
Modulus Elasticity
(Approx. psi)
750,000
750,000
800,000
–
700,000
Typical Thermal
Properties (Cured)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Thermal Conductivity
(BTU/HR/FT2/°F/FT)
Coefficient of Thermal Expanse
(in./in./°C)
3M
™ Scotch-Weld™ Adhesive 2214 Regular
.231
49 x 10-6 (between 0-80°C)
3M
™ Scotch-Weld™ Adhesive 2214 Hi-Dense
.231
49 x 10-6 (between 0-80°C)
3M
™ Scotch-Weld™ Adhesive 2214 Hi-Temp
.189
48 x 10-6 (between 0-80°C)
3M
™ Scotch-Weld™ Adhesive 2214 Hi-Temp New Formula
.244
44 x 10-6 (between -60 - +80°C)
3M
™ Scotch-Weld™ Adhesive 2214 Non-Metallic Filled
.121
130 x 10-6 (between -30 - 100°C)
Typical Electrical
Properties (Cured)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Dielectric Constant (1) ASTM-D-150
Dissipation Factor (2) ASTM-D-150
Power Range 1.00 KC
Test Temperature
73°F (23°C)
140°F (60°C)
194°F (90°C)
219°F (104°C)
Scotch-Weld adhesive 2214 Regular
(1)
10.5
11.1
16.7
24.0
(2)
0.126
0.463
0.346
0.515
Scotch-Weld adhesive 2214 Hi-Dense
(1)
10.5
11.1
16.7
24.0
(2)
0.126
0.463
0.346
0.515
Scotch-Weld adhesive 2214 Hi-Temp
(1)
6.2
7.6
7.8
8.0
(2)
0.021
0.023
0.025
0.025
Scotch-Weld adhesive 2214 Non-Metallic
(1)
4.61
4.96
–
–
Filled
(2)
0.0135
0.0148
–
–
Scotch-Weld adhesive 2214 Hi-Temp
(1)
–
–
–
–
New Formula
(2)
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com