Electronic Components Datasheet Search
  English  ▼

X  

1000NF Datasheet(PDF) 3 Page - 3M Electronics

Part # 1000NF
Description  Fast Tack Water Based Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1000NF Datasheet(HTML) 3 Page - 3M Electronics

  1000NF Datasheet HTML 1Page - 3M Electronics 1000NF Datasheet HTML 2Page - 3M Electronics 1000NF Datasheet HTML 3Page - 3M Electronics 1000NF Datasheet HTML 4Page - 3M Electronics 1000NF Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
™ Fast Tack Water Based Adhesive
1000NF
Special Note
3M™ Fast Tack Water Based Adhesive 1000NF is intended for use in a wide variety of
applications. Coverage and application procedure will vary for each use. User should test for
suitability with their process and performance requirements.
In general, key considerations when using 3M™ Fast Tack Water Based Adhesive 1000NF are:
• Ensure adequate adhesive is applied over the entire area to be bonded. This may mean an
additional coating is required.
• Bonds should be made when the adhesive feels aggressively tacky.
• Apply sufficient pressure to ensure good contact between the surfaces.
See Application Tips & Tricks Pamphlet for more information.
Application
Equipment
Suggestions
Appropriate application equipment can enhance adhesive performance. We suggest the
following application equipment for the user’s evaluation in light of the user’s particular
purpose and method of application.
Air Atomizing Spray Equipment
Equipment Type
Equipment
Example
Air Cap
Atomizing
Air Pressure
Fluid Tip
Fluid Pressure
Pressure Fed Hand
Held Spray Guns
US Legends 95T
0.070" Tornado
20-30 psi
66SS
10-20 psi
Binks 95, 2001,2010
66SD Fan
20-30 psi
66SS
10-20 psi
Binks 95, 2001,2010
66R Cone
20-30 psi
66SS
10-20 psi
*Systems other than those listed can be used with
3M™ Fast Tack Water Based Adhesive 1000NF. Existing
spray equipment can also be adapted. Fluid hoses used previously with solvent-based adhesive or cleaning
compounds must be replaced with new hose. Be sure to follow the equipment
manufacturer’s precautions,
directions for use, and recommendations for such equipment. For additional information, contact your local
representative.
Pressure Pots
Stainless steel pressure pots recommended. Non-stainless may be used with plastic liners if
dip tube and fittings are changed to plastic or stainless steel.
Pumping Equipment
1.5 inch inner diameter (minimum) plastic diaphragm pump with PTFE checks and
diaphragms. All pumps should be short stroked for pump longevity. For additional
information, contact your local representative.
Filter (output)
Typically, 30# mesh is suitable: for example, Graco
® model 12 (stainless steel) with filter bag
#521-264 or equivalent.
Hoses
All fluid hoses should be nylon or polyester lined. Hose fittings should be stainless steel or
plastic. The typical fluid hose length @ 1/4 inch i.d. should be 15 to 25 ft. Use of larger fluid
hose i.d. or lengths less than 15 ft. will result in loss of fluid pressure control. Use of smaller
fluid hose i.d. or lengths greater than 25 ft. can result in product coagulation in the line.
Note: New fluid lines are recommended due to potential incompatibility with other adhesives.
Use only plastic and stainless steel fittings in contact with adhesive. Adhesive is incompatible
with steel, galvanized steel, and cast aluminum parts.
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com