Electronic Components Datasheet Search
  English  ▼

X  

924 Datasheet(PDF) 4 Page - 3M Electronics

Part # 924
Description  3M™ Scotch® ATG Tape 924
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

924 Datasheet(HTML) 4 Page - 3M Electronics

  924 Datasheet HTML 1Page - 3M Electronics 924 Datasheet HTML 2Page - 3M Electronics 924 Datasheet HTML 3Page - 3M Electronics 924 Datasheet HTML 4Page - 3M Electronics 924 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Scotch® ATG Tape 924
Family Group
ISO Statement
For Additional Information
Recognition/Certi cation
908
924
926
928
969
976
987
Relative High Temperature
Operating Ranges (°C)
Test Condition: Short Term
(minutes, hours)
82
121
232
82
121
121
82
Relative High Temperature
Operating Ranges (°C)
Test Condition: Long Term
(days, weeks)
66
82
149
49
82
82
121
Color
Clear
Clear
Clear
White
Clear
Clear
Clear
Total Tape Thickness without
liner (mm)
0.05
0.13
0.05
0.13
0.05
0.04
Adhesive
*400
*350
*400/1000
*300
*300
*400 Acrylic
Release Liner
White Paper
Liner with Gold
Plaid Leader
Tan Paper *DK
with Red Plaid
Leader
Tan Paper *DK
with Red Plaid
Leader
White Paper
*PCK with
Yellow Leader
Tan Paper *DK
with Red Plaid
Leader
Tan Paper *DK
with Red Plaid
Leader
Tan Densi ed
Kraft Paper
with Clear
Leader
Liner Thickness (mm)
0.08
0.1
0.1
0.15
0.13
0.1
0.09
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-3550 or visit www.3M.com/bonding. Address correspondence to:
3M Engineered Adhesives Division, 3M Center, Building 220-7E-01, St. Paul, MN 55144-1000. Our fax number is 651-733-9175. In Canada, phone: 1-800-364-3577. In
Puerto Rico, phone: 1-787-750-3000. In Mexico, phone: 52-70-04-00.
MSDS: 3M has not prepared a MSDS for these products which are not subject to the MSDS requirements of the Occupational Safety and Health Administration’s
Hazard Communication Standard, 29 C.F.R. 1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions for use, these
products should not present a health and safety hazard. However, use or processing of the products in a manner not in accordance with the directions for use may
a ect their performance and present potential health and safety hazards.
TSCA: These products are de ned as articles under the Toxic Substances Control Act and therefore, are exempt from inventory listing requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com