Electronic Components Datasheet Search
  English  ▼

X  

484 Datasheet(PDF) 1 Page - 3M Electronics

Part # 484
Description  Electroplating/Anodizing Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

484 Datasheet(HTML) 1 Page - 3M Electronics

  484 Datasheet HTML 1Page - 3M Electronics 484 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Electroplating/Anodizing Tape
484 • 484L
Technical Data
May 2017
Product Description
3M™ Electroplating/Anodizing Tape 484 is a conformable and abrasion
resistant vinyl tape for masking various surfaces during electroplating
and anodizing operations. A linered version, 484L, is available for die
cutting and large part application.
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Translucent vinyl
Rubber
Yellow brown
36 yds. (33 m)
Typical
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.ASTM Test Method
Adhesion to Steel:
22 oz./in. width (24 N/100 mm)
D-3330
Tensile Strength at Break:
23 lbs./in. width (402 N/100 mm)
D-3759
Elongation at Break:
220%
D-3759
Backing Thickness:
5.6 mils (0.14 mm)
D-3652
Total Tape Thickness:
6.7 mils (0.17 mm)
D-3652
Liner Thickness:
6.2 mils (0.16 mm)
D-3652
Temperature Use Range
Up to 170°F (77°C)
Features
•
Excellent resistance to most chemicals used in electroplating/anodizing
operations.
•
Prolonged exposure of tape to elevated bath temperatures, including
hot caustics, above 170°F (77°C) may cause weakening of the adhesive
bond.
•
Resists most common solvents, care should be taken to avoid ketones,
chlorinated hydrocarbons, and esters, found in many lacquer thinners,
degreasers, paint strippers, etc. which may cause the tape backing to
swell or curl.
•
Tape can be used at oven temperatures up to 220°F (104°C) for 30
minutes with clean removal.
•
Linered version allows pieces to be custom cut to fit unique shapes. The
liner also allows easy handling of 484 tape for large surface applications.
•
Can be certified to US Government Commercial Item Description
Standard A-A 1689B, Type 1, Class 1.
Application Ideas
•
Mask various surfaces during electroplating and anodizing.


Similar Part No. - 484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
484 ETC2-484 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
484 BITECH-484 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
484 TTELEC-484 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Everlight Electronics C...
484-10SURT EVERLIGHT-484-10SURT Datasheet
96Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
484-10SURT-S530-A3 EVERLIGHT-484-10SURT-S530-A3 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
More results

Similar Description - 484

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AN-0004 ANADIGICS-AN-0004 Datasheet
66Kb / 6P
TAPE DIMENSIONS 12 mm Tape
05/2003
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1525CW 3M-1525CW Datasheet
207Kb / 2P
Venture Tape™ FSK Facing Tape
Oct-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape??Aluminum Foil Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com