Electronic Components Datasheet Search
  English  ▼

X  

401M Datasheet(PDF) 2 Page - 3M Electronics

Part # 401M
Description  3M™ Double Coated Paper Tape 401M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

401M Datasheet(HTML) 2 Page - 3M Electronics

  401M Datasheet HTML 1Page - 3M Electronics 401M Datasheet HTML 2Page - 3M Electronics 401M Datasheet HTML 3Page - 3M Electronics 401M Datasheet HTML 4Page - 3M Electronics 401M Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Double Coated Paper Tape 401M
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Color
O -white
Total Tape Thickness without liner
0.23 mm
9 mil
Adhesive Type
Natural Rubber
Adhesive Family
860 (3M™ Adhesive 860 is a soft
rubber-resin pressure-sensitive
adhesive system and features high initial
adhesion and good holding power to a
wide variety of materials.)
Adhesive Carrier
Treated Paper
Liner
Paper
Liner Color
Green Plaid
Primary
Liner Thickness
0.075 mm
3 mil
Typical Performance Characteristics
Relative High Temperature Operating Ranges
Test Condition
82 °C
180 °F
Short Term (minutes, hours)
65 °C
150 °F
Long Term (days, weeks)
Property: Relative High Temperature Operating Ranges
Table continued on next page
Property Values
Method
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
ConditionSubstrateBacking Notes
Solvent
Resistance
Medium
UV
Resistance
Good
90° Peel
Adhesion
65
oz/in
7.1
N/cm
ASTM
D3330
72
hr
22C
72F
52%RH Stainless
Steel
2 mil
PET
12 in/min (300 mm/min)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com