Electronic Components Datasheet Search
  English  ▼

X  

253 Datasheet(PDF) 1 Page - 3M Electronics

Part # 253
Description  Silicone Splicing Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

253 Datasheet(HTML) 1 Page - 3M Electronics

  253 Datasheet HTML 1Page - 3M Electronics 253 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Silicone Splicing Tape
253
Product Description
3M™ Silicone Splicing Tape 253 is a single-coated paper tape with a modified poly
liner implemented as a second liner on the FACE SIDE of the tape. This second liner
is added to help ensure roll quality, ease of unwind and protection of the adhesive
against contamination until the splice is ready to be made.
Technical Data
ASTM Test Method
Total Thickness without
poly liner:
0.005 in. (0.127 mm)
D-3652
Total Tape Thickness:
0.0075 in. (0.191 mm)
D-3652
Initial Adhesion to Steel:
49 oz./in. (53.6 N/100 mm)
90° peel,
24 Hour Dwell:
64 oz./in. (70.0 N/100 mm)
rate: 5 in./min.
Temperature Use Range:
Up to 150°F (66°C)
Recommended Application
Temperature:
50° to 100°F (10° to 38°C)
Product Construction
Backing
Adhesive
Standard Roll Length
Standard Widths*
Silicone treated
Silicone
60 yds. (54.8 m)
1 in. (25.4 mm)
paper
1.5 in. (38.1 mm)
2.0 in. (50.8 mm)
4.0 in. (101.6 mm)
*Non-standard widths may be subject to minimum order requirements.
Features
• Special silicone adhesive that exhibits excellent “web-grab” and peel adhesion to
many silicone treated materials.
• Silicone-coated backing enables the splice to be functional.
• Materials will release from the tape backing as easily as from the material itself.
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Application Techniques
• Bond strength is dependent upon the amount of adhesive-to-surface contact that
is developed. Firm application pressure and proper rub-down techniques help
develop better adhesive-to-surface contact and improve the bond strength.
• The face-side poly liner should be removed right before the butt splice is made.
This will help prevent the adhesive from becoming contaminated and help in
tape handling.


Similar Part No. - 253

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
logo
Marl International Limi...
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
logo
List of Unclassifed Man...
253 ETC2-253 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
253 LITTELFUSE-253 Datasheet
864Kb / 4P
Axial Lead & Cartridge Fuses
logo
Christian Bürkert GmbH ...
253 BURKERT-253 Datasheet
79Kb / 4P
2/2-Way Solenoid Valve
22.09.2017
More results

Similar Description - 253

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-293545 TEC-C-293545 Datasheet
277Kb / 1P
SPLICING CONNECTOR
logo
3M Electronics
130C 3M-130C Datasheet
115Kb / 3P
Linerless Rubber Splicing Tape 130C
Rev D
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
2155 3M-2155 Datasheet
46Kb / 2P
Temflex™ 2155 Rubber Splicing Tape
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
9974B 3M-9974B Datasheet
29Kb / 2P
Repulpable Double-Coated General Purpose Splicing Tape
01-Aug-1999
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com