Electronic Components Datasheet Search
  English  ▼

X  

218 Datasheet(PDF) 1 Page - 3M Electronics

Part # 218
Description  3M™ Scotch® Fine Line Tape 218
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

218 Datasheet(HTML) 1 Page - 3M Electronics

  218 Datasheet HTML 1Page - 3M Electronics 218 Datasheet HTML 2Page - 3M Electronics 218 Datasheet HTML 3Page - 3M Electronics 218 Datasheet HTML 4Page - 3M Electronics 218 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
December, 2007
3M™ Scotch® Fine Line Tape 218
Product Description
Scotch® Fine Line Tape 218 is a high-performance lm backed tape with
low pro le and high adhesion to achieve excellent paint lines and for other
masking and holding applications.
Product Features
• Will give an excellent color line separation due to its thinness.
• The specially processed lm backing stretches easily for smooth curves,
yet can be easily torn by hand with a quick tearing action.
• Specially processed lm backing will allow taping over fresh paint jobs
sooner than paper tapes with less chance of imprint damage.
• Has excellent moisture and solvent resistance.
• Not considered a high temperature tape but could be used on bake cycles
up to 250°F (121°C) for up to 30 minutes.
• Should not be subjected to outdoor exposure or prolonged periods of
sunlight as tape may become di cult to remove.


Similar Part No. - 218

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
218 CTS-218 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
logo
Marl International Limi...
218 MARL-218 Datasheet
231Kb / 4P
Direct replacement for E26 (North American Standard)
logo
Alpha Wire
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
logo
Littelfuse
218 LITTELFUSE-218 Datasheet
941Kb / 4P
The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
More results

Similar Description - 218

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
265 3M-265 Datasheet
562Kb / 5P
3M™ Scotch® Fine Line Tape 265
Jul-2008
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
215 3M-215 Datasheet
562Kb / 6P
3M??Scotch짰 Fine Line Tape 215
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com