Electronic Components Datasheet Search
  English  ▼

X  

XCSZ01 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSZ01
Description  straight actuator - for metal switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSZ01 Datasheet(HTML) 1 Page - Schneider Electric

  XCSZ01 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XCSZ01
straight actuator - for metal switch
Main
Range of product
Preventa Safety detection
Accessory / separate
part category
Mounting and fixing accessories
Accessory / separate
part type
Actuator
Accessory / separate
part designation
Straight actuator
Accessory / separate
part destination
Metal guard switch
Complementary
Product compatibility
XCSA
XCSLF
XCSLE
XCSC
XCSB
XCSE
Net weight
0.02 kg
Packing Units
Package 1 Weight
0.024 kg
Package 1 Height
0.100 dm
Package 1 width
1.150 dm
Package 1 Length
1.400 dm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months


Similar Part No. - XCSZ01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSZ02 SCHNEIDER-XCSZ02 Datasheet
72Kb / 1P
actuator with wide fixing - for metal switch
Jan 19, 2021
XCSZ03 SCHNEIDER-XCSZ03 Datasheet
87Kb / 2P
pivoting actuator - for metal switch
Jan 19, 2021
XCSZ05 SCHNEIDER-XCSZ05 Datasheet
77Kb / 1P
latch for sliding doors - for metal switch
Jan 19, 2021
More results

Similar Description - XCSZ01

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
JX-58 HONEYWELL-JX-58 Datasheet
55Kb / 1P
ACTUATOR-SWITCH
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-94 HONEYWELL-ACC-JS-94 Datasheet
40Kb / 1P
ACTUATOR - SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
Honeywell Accelerometer...
JS-307 HONEYWELL-ACC-JS-307 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
logo
List of Unclassifed Man...
JE-50 ETC2-JE-50 Datasheet
44Kb / 1P
ACTUATOR-SWITCH
JX-47 ETC2-JX-47 Datasheet
48Kb / 1P
ACTUATOR-SWITCH
logo
Schneider Electric
XCSZ02 SCHNEIDER-XCSZ02 Datasheet
72Kb / 1P
actuator with wide fixing - for metal switch
Jan 19, 2021
XCSZ03 SCHNEIDER-XCSZ03 Datasheet
87Kb / 2P
pivoting actuator - for metal switch
Jan 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com