Electronic Components Datasheet Search
  English  ▼

X  

XCSZ02 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSZ02
Description  actuator with wide fixing - for metal switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSZ02 Datasheet(HTML) 1 Page - Schneider Electric

  XCSZ02 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XCSZ02
actuator with wide fixing - for metal switch
Main
Range of product
Preventa Safety detection
Accessory / separate
part category
Mounting and fixing accessories
Accessory / separate
part type
Actuator
Accessory / separate
part designation
Actuator with wide fixing
Accessory / separate
part destination
Metal guard switch
Complementary
Product compatibility
XCSC
XCSE
XCSB
XCSA
XCSLF
XCSLE
Net weight
0.02 kg
Packing Units
Package 1 Weight
0.023 kg
Package 1 Height
0.100 dm
Package 1 width
0.950 dm
Package 1 Length
1.300 dm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months


Similar Part No. - XCSZ02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSZ01 SCHNEIDER-XCSZ01 Datasheet
65Kb / 1P
straight actuator - for metal switch
Jan 19, 2021
XCSZ03 SCHNEIDER-XCSZ03 Datasheet
87Kb / 2P
pivoting actuator - for metal switch
Jan 19, 2021
XCSZ05 SCHNEIDER-XCSZ05 Datasheet
77Kb / 1P
latch for sliding doors - for metal switch
Jan 19, 2021
More results

Similar Description - XCSZ02

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
Schurter Inc.
T12-MSM SCHURTER-T12-MSM Datasheet
532Kb / 6P
Circuit Breaker for Equipment thermal with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM Datasheet
522Kb / 6P
Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
T12-MSM SCHURTER-T12-MSM_18 Datasheet
574Kb / 7P
Circuit Breaker for Equipment thermal with Metal Actuator
logo
Schneider Electric
XCSZ01 SCHNEIDER-XCSZ01 Datasheet
65Kb / 1P
straight actuator - for metal switch
Jan 19, 2021
XCSZ03 SCHNEIDER-XCSZ03 Datasheet
87Kb / 2P
pivoting actuator - for metal switch
Jan 19, 2021
ZB4BV156 SCHNEIDER-ZB4BV156 Datasheet
162Kb / 5P
Harmony XB4, Light block with body/fixing collar for BA9s bulb, metal, <= 250V
Oct 25, 2021
logo
Schurter Inc.
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com