Electronic Components Datasheet Search
  English  ▼

X  

XCSZ03 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSZ03
Description  pivoting actuator - for metal switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSZ03 Datasheet(HTML) 1 Page - Schneider Electric

  XCSZ03 Datasheet HTML 1Page - Schneider Electric XCSZ03 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 19, 2021
1
Product data sheet
Characteristics
XCSZ03
pivoting actuator - for metal switch
Main
Range of product
Preventa Safety detection
Accessory / separate
part category
Mounting and fixing accessories
Accessory / separate
part type
Actuator
Accessory / separate
part designation
Pivoting actuator
Accessory / separate
part destination
Metal guard switch
Complementary
Product compatibility
XCSLF
XCSA
XCSC
XCSE
XCSB
XCSLE
Net weight
0.095 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
104 g
Package 1 Height
4 cm
Package 1 width
5.3 cm
Package 1 Length
7.7 cm
Unit Type of Package 2
S02
Number of Units in Package 2
40
Package 2 Weight
4.504 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information


Similar Part No. - XCSZ03

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSZ01 SCHNEIDER-XCSZ01 Datasheet
65Kb / 1P
straight actuator - for metal switch
Jan 19, 2021
XCSZ02 SCHNEIDER-XCSZ02 Datasheet
72Kb / 1P
actuator with wide fixing - for metal switch
Jan 19, 2021
XCSZ05 SCHNEIDER-XCSZ05 Datasheet
77Kb / 1P
latch for sliding doors - for metal switch
Jan 19, 2021
More results

Similar Description - XCSZ03

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
JX-58 HONEYWELL-JX-58 Datasheet
55Kb / 1P
ACTUATOR-SWITCH
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-94 HONEYWELL-ACC-JS-94 Datasheet
40Kb / 1P
ACTUATOR - SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
Honeywell Accelerometer...
JS-307 HONEYWELL-ACC-JS-307 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
logo
List of Unclassifed Man...
JE-50 ETC2-JE-50 Datasheet
44Kb / 1P
ACTUATOR-SWITCH
JX-47 ETC2-JX-47 Datasheet
48Kb / 1P
ACTUATOR-SWITCH
logo
Schneider Electric
XCSZ01 SCHNEIDER-XCSZ01 Datasheet
65Kb / 1P
straight actuator - for metal switch
Jan 19, 2021
XCSZ02 SCHNEIDER-XCSZ02 Datasheet
72Kb / 1P
actuator with wide fixing - for metal switch
Jan 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com