Electronic Components Datasheet Search
  English  ▼

X  

FSCT17A-UH5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FSCT17A-UH5
Description  FAN SPEED CONTROLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FSCT17A-UH5 Datasheet(HTML) 2 Page - STMicroelectronics

  FSCT17A-UH5 Datasheet HTML 1Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 2Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 3Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 4Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 5Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 6Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 7Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 8Page - STMicroelectronics FSCT17A-UH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FSCTxxA-UH5
2/11
Symbol
Parameter
Value
Unit
VCC
Supply voltage referenced to GND
-0.3 to 20
V
Tj
Operating junction temperature
0 to 125
°C
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (double wave soldering)
260
°C
Maximum voltage at any pin
VCC
V
Minimum voltage at any pin
-0.3
V
ESD
Electrostatic discharge immunity at each terminal
(human body model)
2kV
ABSOLUTE MAXIMUM RATINGS
Pint Out
designation
Description
Pin
TEST
Test pin (must not be connected)
1
VCC
Operating DC supply
2
GND
Ground (internally connected to the tab)
3
ON
Mode ON and OFF selection
4
OUT
Output (connect to PNP fan transistor base)
5
PINT OUT DESIGNATION
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
SUPPLY
ICCmax
Operating supply current VON =5Vor0V
VCC = 12V
1.1
3
mA
DRIVER
IOL
Sinking current capability
at the OUT terminal
VOUT =VOL and Tj = 125°C
10
mA
ILEAK
Maximum sink leakage
current at OUT pin (mode
OFF)
VOUT = 20V, VON =0V
Tj = 50°C
10
µA
VOL
Minimum voltage at the
OUT terminal (mode ON)
VON = 5V, Tj = 125°C
0.55
0.7
V
VOMS
OUT voltage for mini-
mum fan speed (mode
ON)
VON = 5V, Tj from 0°C to TMS
5.3
5.5
V
Static line regulation
VCC = 9V to 15V, VON =5V
Tj = 25°C
0.5
mV/V
KSL
VOUT temperature slope
VOUT = 80%
VOMS to
20% VOMS
FSCT17A-UH5
155
165
175
mV/°C
FSCT11A-UH5
100
107
114
FSCT07A-UH5
68
72
77
ELECTRICAL CHARACTERISTICS (Continue)
VCC from 9Vdc to 15Vdc, Cout = 100nF, Tj = 0°C to 125°C, otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com