Electronic Components Datasheet Search
  English  ▼

X  

TLE4699E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4699E
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4699E Datasheet HTML 1Page - Infineon Technologies AG TLE4699E Datasheet HTML 2Page - Infineon Technologies AG TLE4699E Datasheet HTML 3Page - Infineon Technologies AG TLE4699E Datasheet HTML 4Page - Infineon Technologies AG TLE4699E Datasheet HTML 5Page - Infineon Technologies AG TLE4699E Datasheet HTML 6Page - Infineon Technologies AG TLE4699E Datasheet HTML 7Page - Infineon Technologies AG TLE4699E Datasheet HTML 8Page - Infineon Technologies AG TLE4699E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE4699
Pin Configuration
Data Sheet
5
Rev. 1.0, 2010-11-30
3
Pin Configuration
3.1
Pin Assignment TLE4699GM (PG-DSO-14
)
Figure 2
Pin Configuration PG-DSO-14 Package (top view)
3.2
Pin Definitions and Functions TLE4699GM (PG-DSO-14)
Pin
Symbol
Function
1
RADJ
Reset Threshold Adjust
Connect an external voltage divider to adjust reset threshold;
Connect to GND for using internal threshold.
2D
Reset Delay
Connect a ceramic capacitor from D (Pin 2) to GND for reset delay time adjustment;
Leave open, if the reset function is not needed.
3, 4, 5
GND
Ground
Connect all pins to heat sink area.
6EN
Enable
High signal enables the regulator;
Low signal disables the regulator;
Connect to I if the enable function is not needed
7RO
Reset Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the reset function is not needed.
8SO
Sense Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the sense function is not needed.
9Q
5 V Regulator Output
Connect a capacitor between Q (Pin 9) and GND close to the IC pins, respecting the
values given for its capacitance CQ and ESR in the table Chapter 4.2 Functional Range.
10, 11, 12
GND
Ground
Connect all pins to heat sink area.
PinConfig_PG-DSO-14.vsd
SI
I
GND
GND
GND
Q
SO
RADJ
D
GND
GND
GND
EN
RO
14
13
12
11
10
9
8
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com