Electronic Components Datasheet Search
  English  ▼

X  

MSK166 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSK166
Description  ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSK166 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSK166 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK166 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
CURRENT LIMIT
Current limit resistor value can be calculated as follows:
It is recommended that the user set up the value of current limit
as close as possible to the maximum expected output current
to protect the amplifier. The minumum value of current limit
resistance is 33 ohms. The maximum practical value is 500
ohms. Current limit will vary with case temperature. Refer to
the typical performance graphs as a guide. Since load current
passes through the current limit resistor, a loss in output volt-
age swing will occur. The following formula approximates out-
put voltage swing reduction:
When the device is in current limit, there will be spurious oscil-
lations present on the negative half cycle. The frequency of
the oscillation is application dependant and can not be pre-
dicted. Oscillation will cease when the device comes out of
current limit. If current limit is not required simply short pin 3
and pin 11.
RCL=3/ILIM
VR=IO RCL
*
INPUT PROTECTION
Input protection circuitry within the MSK 166/167 will clip
differential input voltages greater than 16 volts. The inputs are
also protected against common mode voltages up to the supply
rails as well as static discharge. There are 300 ohm current
limiting resistors in series with each input. These resistors may
become damaged in the event the input overload is capable of
driving currents above 1mA. If severe overload conditions are
expected, external input current limiting resistors are recom-
mended.
OUTPUT SNUBBER NETWORK
A 100 ohm resistor and a 330pF capacitor connected in se-
ries from the output of the amplifier to ground is recommended
for applications where load capacitance is less than 330pF.
For larger values of load capacitance, the output snubber net-
work may be omitted. If loop stability becomes a problem due
to excessively high load capacitance, a 100 ohm resistor may
be added between the output of the amplifier and the load. A
small tradeoff with bandwidth must be made in this configura-
tion. The graph below illustrates the effect of capacitive load
on open loop gain. Note that the compensation capacitor must
have a voltage rating greater than or equal to the total rail to rail
power supply voltage.
Rev. B 8/00
3
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this ultra high voltage opera-
tional amplifier has two distinct limitations:
1. The current handling capability of the die metallization.
2. The junction temperature of the output MOSFET's.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery reverse biased diodes should be connected
from the output to ground.
STABILITY
The MSK 166/167 has sufficient phase margin when com-
pensated for unity gain to be stable with capacitive loads of at
least 10nF. However, it is recommended that the parallel sum
of the input and feedback resistor be 1000 ohms or less for
closed loop gains of ten or less to minimize phase shift caused
by the R-C network formed by the input resistor, feedback re-
sistor and input capacitance. The user can tailor the perfor-
mance of the MSK 166/167 to their application using the ex-
ternal compensation pins. The graphs of small signal gain and
phase as well as the graphs of slew rate and power response
demonstrate the effect of various forms of compensation. The
compensation capacitor must be rated at 350 volts working
voltage if maximum power supply voltages are used. The com-
pensation resistor and capacitor lead lengths must be kept as
short as possible to minimize spurious oscillations. A high quality
NPO capacitor rated for ±Vcc is recommended for the com-
pensation capacitor.
COMPENSATION AND OUTPUT NULL PINS
External compensation is only necessary at gains of 30v/v or
less. For larger gains, the compensation resistor and capacitor
may be omitted. When large closed loop voltage gains are
present, the designer may find it necessary to null the DC out-
put offset voltage. This can be accomplished by connecting a
null circuit to pins 33 and 35 (for the MSK 166) as shown in
the typical connection diagram above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com