Electronic Components Datasheet Search
  English  ▼

X  

MSK167 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSK167
Description  ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSK167 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSK167 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK167 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK167 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK167 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK167 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION:
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 QUALIFIED
166/167
ULTRA HIGH VOLTAGE
OPERATIONAL AMPLIFIER
ISO-9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
Piezo Electric Positioning
Electrostatic Deflection
Computer to Vacuum Tube Interface
Ultra High Voltage Op-Amp Applications
TYPICAL APPLICATIONS
M.S.KENNEDY CORP.
MSK167
The MSK 166 and 167 ultra high voltage monolithic MOSFET operational amplifier ideally suited for electrostatic
transducer and electrostatic deflection applications. With a total supply voltage rating of 350 volts and 60mA of
available output current, the MSK 166 and 167 are also an excellent low cost choice for high voltage piezo drive
circuits. The MOSFET output frees the MSK 166 and 167 from secondary breakdown limitations and power dissipa-
tion is kept to a minimum with a quiescent current rating of only 2mA. The MSK 166 is packaged in a hermetically
sealed 40 pin leadless chip carrier which has two external compensation pins. The output of the MSK 166 and 167
can be externally nulled using the two null pins. The MSK 167 is packaged in a 24 pin ceramic flatpack and is
otherwise identical to the MSK 166. (see mechanical specifications).
FEATURES:
Low Cost Surface Mount Package
Monolithic MOS Technology
High Voltage Operation - 350V
Low Quiescent Current - 2mA Max.
High Output Current - 60mA Min.
No Second Breakdown
High Speed - 40V/µS Typ.
External Compensation And Null Capability
Rev. B 8/00
1
MSK166
The pin numbers shown in the above
schematic are for the MSK 166.
MSK 166 PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
+Vcc
N/C
Output Drive
N/C
N/C
N/C
Compensation 1
N/C
Compensation 2
N/C
Current Sense
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
-Vcc
N/C
N/C
N/C
Balance 2
N/C
Balance 1
N/C
Non Inverting Input
N/C
Inverting Input
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
MSK 167 PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
N/C
Balance 1
Balance 2
N/C
-Vcc
N/C
+Vcc
Output Drive
N/C
Compensation 1
Compensation 2
N/C
N/C
Non Inverting Input
Inverting Input
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Current Sense
N/C
PIN-OUT INFORMATION


Similar Part No. - MSK167

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161 Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161B MSK-MSK161B Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161E MSK-MSK161E Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
Electrically Isolated Case
logo
List of Unclassifed Man...
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
More results

Similar Description - MSK167

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
Ultra High Speed Operational Amplifier?
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
logo
List of Unclassifed Man...
MSK103 ETC-MSK103 Datasheet
405Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK164 ETC-MSK164 Datasheet
387Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK165 MSK-MSK165 Datasheet
388Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
Ultra Low Offset Voltage Operational Amplifier
November 2004
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
70Kb / 7P
ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com