Electronic Components Datasheet Search
  English  ▼

X  

TD352ID Datasheet(PDF) 10 Page - STMicroelectronics

Part # TD352ID
Description  Advanced IGBT/MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352ID Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TD352ID Datasheet HTML 5Page - STMicroelectronics TD352ID Datasheet HTML 6Page - STMicroelectronics TD352ID Datasheet HTML 7Page - STMicroelectronics TD352ID Datasheet HTML 8Page - STMicroelectronics TD352ID Datasheet HTML 9Page - STMicroelectronics TD352ID Datasheet HTML 10Page - STMicroelectronics TD352ID Datasheet HTML 11Page - STMicroelectronics TD352ID Datasheet HTML 12Page - STMicroelectronics TD352ID Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TD352
Application Diagrams
10/13
7 Application Diagrams
Figure 13. Single supply IGBT drive with active Miller clamp
Figure 14. Use of DESAT input for direct overcurrent detection
Figure 15. Large IGBT drive with negative voltage gate drive and optional current buffers
TD352
OUT
IN
VH
VREF
VL
DESAT
CD
CLAMP
Vref
UVLO
Desat
Delay
16V
4.7k
VH
TD352
OUT
IN
VH
VREF
VL
CD
CLAMP
Vref
UVLO
Delay
16V
DESAT
Desat
4.7k
VH
Vref
OUT
IN
VH
16V
VREF
VL
-10V
Optional
CD
CLAMP
Optional
TD352
UVLO
Vref
Delay
DESAT
Desat
4.7k
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com