Electronic Components Datasheet Search
  English  ▼

X  

9629PC Datasheet(PDF) 1 Page - 3M Electronics

Part # 9629PC
Description  Double Coated Tape with Quick Bonding Adhesive 360
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9629PC Datasheet(HTML) 1 Page - 3M Electronics

  9629PC Datasheet HTML 1Page - 3M Electronics 9629PC Datasheet HTML 2Page - 3M Electronics 9629PC Datasheet HTML 3Page - 3M Electronics 9629PC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product
Faceside1
Adhesive
Type/
Carrier
Type/
Backside2
Adhesive
Type/
Liner
Color, Type,
Liner
Total Tape
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper3
(w/o liner)
3M™ Double
0.00075"
0.0005”
0.00075"
Natural, 60#
0.0032"
0.002"
Coated Tape
(0.019 mm)
(0.013 mm)
(0.019 mm)
Glassine
(0.08 mm)
(0.05 mm)
9628B
Black PET
3M™ Double
0.00075"
0.0005"
0.00075"
Clear,
0.002"
0.002"
Coated Tape
(0.019 mm)
(0.013 mm)
(0.019 mm)
Polyester
(0.05 mm)
(0.05 mm)
9628FL
Clear PET
3M™ Double
0.00175"
0.0005”
0.00175"
Tan, 58#
0.0042"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Polycoated
(0.11 mm)
(0.10 mm)
9629PC
Clear PET
3M™ Double
0.00175"
0.0005”
0.00175"
Natural, 60#
0.0032"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Glassine
(0.08 mm)
(0.10 mm)
9629B
Black PET
3M™ Double
0.00175"
0.0005”
0.00175"
Clear,
0.002"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Polyester
(0.05 mm)
(0.10 mm)
9629FL
Clear PET
Double Coated Tape with
Quick Bonding Adhesive 360
9628B • 9628FL • 9629PC • 9629B • 9629FL
Technical Data
September, 2009
Product Description
3M™ Double Coated Tapes with 3M™ Quick Bonding Adhesive 360 provides high
bond strength to most surfaces, including many low surface energy plastics such
as polypropylene and powder coated paints.
Construction
Note 1: Faceside (FS) adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside (BS) adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: The caliper listed is based on a calculation from manufacturing controlled adhesive coat
weights using a density of 1.071 g/cc.


Similar Part No. - 9629PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9629PC 3M-9629PC Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
9629PC 3M-9629PC Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
More results

Similar Description - 9629PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
9495LE 3M-9495LE Datasheet
20Kb / 5P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
9579 3M-9579 Datasheet
18Kb / 3P
Double Coated Tape with Adhesive 760
May-2004
9475LE 3M-9475LE Datasheet
18Kb / 4P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
9628B 3M-9628B Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
9626 3M-9626 Datasheet
35Kb / 4P
Adhesive Transfer Tape with Quick Bonding Adhesive 360
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com