Electronic Components Datasheet Search
  English  ▼

X  

9629PC Datasheet(PDF) 2 Page - 3M Electronics

Part # 9629PC
Description  Double Coated Tape with Quick Bonding Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9629PC Datasheet(HTML) 2 Page - 3M Electronics

  9629PC Datasheet HTML 1Page - 3M Electronics 9629PC Datasheet HTML 2Page - 3M Electronics 9629PC Datasheet HTML 3Page - 3M Electronics 9629PC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Number
2.0 mil (0.05 mm)
3M™ Double Coated Tape
9628B • 9628FL
4.0 mil (0.10 mm)
3M™ Double Coated Tape
9629PC • 9629B • 9629FL
Adhesion to Polypropylene
Oz/in
Oz/in
ASTM D3330 – 180 degree,
(N/25 mm)
(N/25 mm)
2 mil al foil
Faceside / Backside
Faceside / Backside
- 30 seconds RT
60 (17) / 60 (17)
100 (28) / 100 (28)
- 15 minutes RT
65 (18) / 65 (18)
120 (34) / 120 (34)
- 72 hours RT
90 (25) / 90 (25)
150 (42) / 150 (42)
Adhesion to other surfaces
Oz/in
Oz/in
ASTM D3330 – 180 degree,
(N/25 mm)
(N/25 mm)
2 mil al foil, 72 hour RT
Faceside / Backside
Faceside / Backside
ABS
90 (25) / 90 (25)
160 (45) / 150 (42)
Polycarbonate
115 (32) / 115 (32)
170 (48) / 160 (45)
Stainless Steel
100 (28) / 100 (28)
170 (48) / 160 (45)
LDPE
50 (14) / 50 (14)
65 (18) / 65 (18)
HDPE
60 (17) / 60 (17)
75 (21) / 65 (18)
Shear Strength - ASTM D3654
Modified – (.5 inch2 sample size)
1000 grams at 72°F (22°C)
>10,000 minutes
>10,000 minutes
500 grams at 158°F (70°F)
>10,000 minutes
>10,000 minutes
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
200°F (93°C)
200°F (93°C)
Short Term (minutes, hours)
350°F (177°C)
350°F (177°C)
Relative Solvent Resistance:
Very Good
Very Good
3M™ Double Coated Tape with Quick Bonding Adhesive 360
9628B • 9628FL • 9629PC • 9629B • 9629FL
Typical Physical
Properties and
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Available Sizes
Roll length, width, slitting tolerance, core size.
Product
3M™ Double Coated Tape
9628B • 9628FL
9629PC • 9629B
9629FL
Maximum Length in.:
1/2" to 1/2"
72 yds. (66 m)
72 yds. (66 m)
72 yds. (66 m)
1/2" to 1"
360 yds. (329 m)
252 yds. (230 m)
360 yds. (329 m)
1" to 6"
540 yds. (494 m)
540 yds. (494 m)
540 yds. (494 m)
6" to 27"
900 yds. (823 m)
720 yds. (658 m)
900 yds. (823 m)
27" to 54"
540 yds. (494 m)
540 yds. (494 m)
540 yds. (494 m)
Normal Slitting Tolerance
± 1/32 in. (0.08 mm)
Core Size (ID)
3.0 in. (76.2 mm)
Minimum length
72 yds. (66 m).
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com