Electronic Components Datasheet Search
  English  ▼

X  

3340 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3340
Description  3M™ Aluminum Foil Tape 3340
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3340 Datasheet(HTML) 3 Page - 3M Electronics

  3340 Datasheet HTML 1Page - 3M Electronics 3340 Datasheet HTML 2Page - 3M Electronics 3340 Datasheet HTML 3Page - 3M Electronics 3340 Datasheet HTML 4Page - 3M Electronics 3340 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO Statement
3M™ Aluminum Foil Tape 3340
Handling/Application Information
Application Ideas
• Vapor seal on reinforced berglass duct board
• High performance duct closure
• Sealing exible duct to rigid duct
Certi cations
• UL181A-P Listed (UL File # MH16587)
• UL181B-FX Listed (UL File # MH16587)
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 24 months from date of manufacture.
Trademarks
3M and Venture Tape are trademarks of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Foil-Tape-3340?
N=5002385+3293241172&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=3340
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to
ISO 9001 standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com