Electronic Components Datasheet Search
  English  ▼

X  

1075 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1075
Description  ScotchPad??Premium Hang Tabs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1075 Datasheet(HTML) 2 Page - 3M Electronics

  1075 Datasheet HTML 1Page - 3M Electronics 1075 Datasheet HTML 2Page - 3M Electronics 1075 Datasheet HTML 3Page - 3M Electronics 1075 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ ScotchPad™
Premium Hang Tabs
1072 • 1074 • 1075 • 1076
Typical
Physical
Properties
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
3M™ ScotchPad™ Hang Tab 1072
ASTM Test Method
Adhesion to Steel:
175 oz./in. width (192 N/100 mm width)
PSTC-003
Tensile Strength:
Machine Direction:
7300 lbs./in.2 (513 kgf/cm2)
D-882
Tensile Modulus:
Machine Direction:
250,000 lbs./in.2 (17,575 kgf/cm2)
D-882
Elongation at Break:
300%
D-882
Thickness -Backing:
Total (excl. liner):
20.0 mil (0.508 mm)
25.8 mil (0.655 mm)
D-3652
D-3652
Shear, Static:
>30 hours (1.0 sq. in., 2.2 lb. @ 120°F [49°C])
PSTC-7C
3M™ ScotchPad™ Hang Tabs 1074/1075/1076
ASTM Test Method
Adhesion to Steel:
78 oz./in. width (60 N/100 mm width)
D-3330
Tensile Strength:
Machine Direction:
67 lbs./in. width (788 N/100 mm width)
D-3759
Cross Direction:
69 lbs./in. width (1138 N/100 mm width)
D-3759
Elongation at Break:
130%
D-3759
Thickness Laminate:
10.0 mil (0.254 mm)
D-3652
Thickness -Backing:
Total:
2.0 mil (0.051 mm)
3.5 mil (0.089 mm)
D-3652
D-3652
Total Hang Tab (Top):
13.5 mil (0.343)
D-3652
Holding Power to Fiberboard: 14,000 + minutes
D-3654
Features
•
Adheres instantly to shrink-wrapped packages, cartons, and product surfaces.
•
Strong abrasion, edge tear and split resistant backing.
•
ScotchPad hang tabs 1074/1075/1076 have bendable tabs.
•
Hold products out where they are easy to see.
•
Strong film edge resists tearing and ripping of these hang tabs.
•
Stiff polyester header gives clean product display.
•
Clear tape does not obscure graphics.
Available
Sizes
J-hook
Roundhole
Delta hole
Roundhole
ScotchPad
ScotchPad
ScotchPad
ScotchPad
hang tab 1072
hang tab 1074
hang tab 1075
hang tab 1076
1 pad
1 in. x 2 in.
2 in. x 2 in.
2 in. x 2 in.
10 per pad
10 per pad
10 per pad
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com