Electronic Components Datasheet Search
  English  ▼

X  

1072 Datasheet(PDF) 3 Page - 3M Electronics

Part # 1072
Description  ScotchPad??Premium Hang Tabs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1072 Datasheet(HTML) 3 Page - 3M Electronics

  1072 Datasheet HTML 1Page - 3M Electronics 1072 Datasheet HTML 2Page - 3M Electronics 1072 Datasheet HTML 3Page - 3M Electronics 1072 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ ScotchPad™
Premium Hang Tabs
1072 • 1074 • 1075 • 1076
Application Techniques
Application of 3M™ ScotchPad™ Hang Tabs is most easily accomplished
at room temperature because at colder temperatures, approaching 32°F
(0°C), the adhesive becomes firmer. Once applied, the ScotchPad hang
tabs will perform well throughout the normal temperature ranges
typically encountered by packaged products in shipping and storage
environments to a surface that allows a straight vertical position with no
peel. Unless testing is done to confirm a ScotchPad hang tab will hold a
heavier product, 3/4 lb. or less is the recommended weight unit.
Some well-balanced three pound products have been displayed using two
ScotchPad hang tabs placed on one object in opposing placement. Pre-
testing is advised. Three ScotchPad 1074/1075/1076 hang tabs can be
used to hold thick flat samples in a 3-ring binder. Because the whole tab is
not rigid, they can also be pre- applied to products and folded down
before shipping thus eliminating excessive shipping bulk. Some
manufacturers pack extra pads in with product so the retailer can repair
broken or damaged package chipboard headers thus reducing profit-
stealing unsellables.
Storage Conditions
Store in a clean dry place. Temperature of 40-80°F (4-26°C) and 40 to
50% relative humidity are recommended.
For
Additional
Information
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-
3550 or visit www.3M.com/packaging. Address correspondence to: 3M Industrial Adhesives and
Tapes Division, Building 21-1W-10, 900 Bush Avenue, St. Paul, MN 55144-1000. Our fax number is 651-
778-4244. In Canada, phone: 1-800-364-3577. In Puerto Rico, phone: 1-787-750-3000. In Mexico,
phone: 52-70-04-00.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com