Electronic Components Datasheet Search
  English  ▼

X  

CEP84A4 Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # CEP84A4
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

CEP84A4 Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  CEP84A4 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. CEP84A4 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. CEP84A4 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. CEP84A4 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. CEP84A4 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.doingter.cn
—
2 —
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Dra i n-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
40
45
---
V
IDSS
Zero Ga te Voltage Drain Current
VGS=0V, VDS=40V
---
---
1
μA
IGSS
Ga te-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Vol tage
VGS=VDS, ID=250μA
1.2
1.9
2.5
V
RDS(ON)
Dra i n-Source On Resistance
2
VGS=10V,ID=20A
---
3.2
4
mΩ
VGS=4.5V,ID=10A
---
5.5
7
GFS
Forwa rd Tra nsconductance
VDS=10V, ID=20A
26
---
---
S
Dynamic Characteristics
Ciss
Input Ca pacitance
VDS=20V, VGS=0V, f=1MHz
---
5400
---
pF
Coss
Output Ca pacitance
---
970
---
Crss
Reverse Tra nsfer Ca pacitance
---
380
---
Switching Characteristics
td(on)
Turn-On Delay Ti me
VDD=20V, ID=2A,
RGEN=3Ω.VGS=10V
---
15
---
ns
tr
Ri s e Time
---
18
---
ns
td(off)
Turn-Off Delay Ti me
---
52
---
ns
tf
Fa ll Ti me
---
23
---
ns
Qg
Tota l Gate Charge
VGS=10V, VDS=20V,
ID=20A
---
75
---
nC
Qgs
Ga te-Source Cha rge
---
10.5
---
nC
Qgd
Ga te-Drain “Miller” Charge
---
17
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
2
VGS=0V,IS=40A
---
---
1.2
V
CEP84A4
Electrical Characteristics:(T
C=25℃
unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com